Electronic Components Datasheet Search
  English  ▼

X  

8725NH Datasheet(PDF) 2 Page - Belden Inc.

Part # 8725NH
Description  AUDIO ANALOG 4 PAIR 20AWG, BELDFOIL, LSZH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8725NH Datasheet(HTML) 2 Page - Belden Inc.

  8725NH Datasheet HTML 1Page - Belden Inc. 8725NH Datasheet HTML 2Page - Belden Inc. 8725NH Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Construction and Dimensions
Cabling
Description
1 center filler + 4 cabled pairs
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
35.0 Ohm/km
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield
88 pF/m
160 pF/m
Inductance
Nominal Inductance
0.62 µH/m
Impedance
Nominal Characteristic Impedance
56 Ohm
Current
Max. Recommended Current [A]
3.9 Amps per Conductor
Voltage
Voltage Rating [V]
300 V
Temperature Range
Storage Temperature Range:
-40°C to +70°C
Operating Temp Range (Fixed Install):
-40°C To +70°C
Mechanical Characteristics
Max. Pull Tension:
50 N
Min. Bend Radius During Installation:
85 mm
Min Setting Radius:
42.5 mm
Standards
CPR Euroclass:
Eca
Applicable Environmental and Other Programs
Environmental Space:
Indoor - Euroclass Eca
Flammability, LS0H, Toxicity Testing
IEC Flammability:
IEC 60332-1-2
IEC 60754-1 - Halogen Amount:
Zero
IEC 60754-2 - Halogen Acid Gas Amount - Max. Conductivity:
2.5 µS/mm
IEC 60754-2 - Halogen Acid Gas Amount - Min. pH:
4.3
IEC 61034-2 - Smoke Density Min. Transmittance:
60%
Related Part Numbers
Variants
Item #
Color Put-Up Type Length
EAN
8725NH.00500 Gray
Reel
500 m
8719605018779
History
Update and Revision:
Revision Number: 0.194 Revision Date: 12-19-2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com