Electronic Components Datasheet Search
  English  ▼

X  

8780 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8780
Description  Audio Cable, #16-1pr, TC, O/A Shield, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8780 Datasheet(HTML) 1 Page - Belden Inc.

  8780 Datasheet HTML 1Page - Belden Inc. 8780 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8780
Audio Cable, #16-1pr, TC, O/A Shield, CMG
Product Description
16 AWG stranded (19x29) tinned copper conductors, PVC insulation, twisted pair, tinned copper spiral wrapped shield (85% coverage), PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line level audio; computer communication; panel wiring
Construction Details
Conductor
Size Stranding
Material
16
19x29
TC - Tinned Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
PVC - Polyvinyl Chloride 0.023 in (0.58 mm) 0.105 in (2.67 mm)
Black and White
Outer Shield
Shield Type
Material
Coverage
Spiral Serve / Screen Tinned Copper (TC) 85%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.030 in (0.76 mm) 0.28 in
Electrical Characteristics
Electricals
Nom. Conductor DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
4.75 Ohm/1000ft (15.6
Ohm/km)
57 pF/ft (190 pF/m)
98 pF/ft (320 pF/m)
37 Ohm
65%
7.1 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V RMS
Mechanical Characteristics
Temperature
UL Temperature
Operating
60°C
-20°C To +60°C
Max. Pull Tension:
61 lbs (28 kg)
Bulk Cable Weight:
42 lbs/1000ft (63 kg/km)
Standards and Compliance


Similar Part No. - 8780

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8780 ETC1-8780 Datasheet
162Kb / 1P
Shaver Adaptor
logo
Multicomp Pro
878006 MULTICOMP-878006 Datasheet
155Kb / 1P
Quick Splice Connector
31/07/20 V1.0
878006D MULTICOMP-878006D Datasheet
155Kb / 1P
Quick Splice Double Connector
31/07/20 V1.0
878010D MULTICOMP-878010D Datasheet
569Kb / 3P
Tap Splice
31/07/20 V1.0
logo
Molex Electronics Ltd.
87803-0002 MOLEX10-87803-0002 Datasheet
356Kb / 7P
1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Angle, Through Hole, 1.8V Voltage Key, 2.79mm (.110) Tail Length, 0.38關m (15關) Gold (Au) Plating
More results

Similar Description - 8780

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9414 BELDEN-9414 Datasheet
145Kb / 2P
Audio, Control & Instrument, #22-1pr, SR-PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
1266A BELDEN-1266A Datasheet
175Kb / 2P
Audio Cable, #22-2c, TC, O/A Foil, CM
03-31-2023
1504A BELDEN-1504A Datasheet
192Kb / 2P
Audio Cable, #22-2pr, TC, O/A Foil, CM
01-20-2023
8450 BELDEN-8450 Datasheet
145Kb / 2P
Audio & Instrumentation, #22-1pr, TC, O/A Foil, CM
01-20-2023
8737 BELDEN-8737 Datasheet
161Kb / 2P
Audio Cable, #22-1pr, TC, O/A Braid, CM
01-20-2023
8759 BELDEN-8759 Datasheet
168Kb / 3P
Audio Cable, #20-1pr, TC, O/A Braid, CM
12-19-2022
1805F BELDEN-1805F Datasheet
155Kb / 2P
Audio Snake Cable, #24-8pr, TC, Indiv. Shielded, CMG
01-20-2023
9180 BELDEN-9180 Datasheet
163Kb / 2P
Audio Cable, #26-1pr, TC, O/A Foil, CM
01-20-2023
1508A BELDEN-1508A Datasheet
176Kb / 2P
Audio Cable, #24-2c, TC, O/A Foil, CM
03-04-2023
1850F BELDEN-1850F Datasheet
238Kb / 4P
Audio Snake Cable, 16 Pr #24 Str TC, Indiv. Shielded and Jacketed, O/A Foil,Flexible PVC Jkt, CMG
12-19-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com