Electronic Components Datasheet Search
  English  ▼

X  

LWT673 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LWT673
Description  Hyper TOPLED White Hyper-Bright LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT673 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LWT673 Datasheet HTML 3Page - OSRAM GmbH LWT673 Datasheet HTML 4Page - OSRAM GmbH LWT673 Datasheet HTML 5Page - OSRAM GmbH LWT673 Datasheet HTML 6Page - OSRAM GmbH LWT673 Datasheet HTML 7Page - OSRAM GmbH LWT673 Datasheet HTML 8Page - OSRAM GmbH LWT673 Datasheet HTML 9Page - OSRAM GmbH LWT673 Datasheet HTML 10Page - OSRAM GmbH LWT673 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LW T673
2001-01-30
7
Durchlassstrom
I
F = f (VF)
Forward Current
T
A =25 °C
Maximal zulässiger Durchlassstrom
I
F = f (T)
Max. Permissible Forward Current
Relative Lichtstärke
I
V/IV(20 mA) = f (IF)
Relative Luminous Intensity
T
A =25 °C
Maximal zulässiger Durchlassstrom
I
F = f (T)
Max. Permissible Forward Current
OHL00611
10
-1
2.5
3
3.5
4
4.5 V 5
0
10
1
10
10
2
5
5
mA
5
2
IF
VF
OHL00867
0
0
˚C
mA
5
10
15
20
25
30
20
40
60
80
100
I
F
5000 h
10000 h
T
temp. ambient
T
A
MTTF
MTTF
V
V (20 mA)
10 -1
0
10
10 12
10
mA
10 -3
5
OHL00623
I
I
55
10 -2
10 -1
10 0
10 1
5
5
F
I
OHL01086
0
0
20
40
60
80 ˚C 100
T
I
F
5
10
15
20
25
30
mA
temp. solder point
S
T
10000 h
5000 h
MTTF
MTTF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com