Electronic Components Datasheet Search
  English  ▼

X  

2SA1585 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SA1585
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SA1585 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SA1585 Datasheet HTML 1Page - Nanjing International Group Co 2SA1585 Datasheet HTML 2Page - Nanjing International Group Co 2SA1585 Datasheet HTML 3Page - Nanjing International Group Co 2SA1585 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-0.01
-0.1
-1
-0.01
-0.1
-1
-100
0
50
100
150
200
250
-0.1
-1
-10
10
100
-0.01
-0.1
-1
0
100
200
300
400
500
600
-0
-1
-2
-3
-4
-5
-0.00
-0.05
-0.10
-0.15
-0.20
-0.25
-0.30
-0.35
0
25
50
75
100
125
150
0
100
200
300
400
-30
-10
200
-2
β=20
T
a
=25℃
T
a
=100℃
COLLECTOR CURRENT
I
C
(A)
V
CEsat
——
I
C
-2
COLLECTOR CURRENT
I
C
(mA)
V
CE
=-2V
T
a
=25℃
I
C
f
T
——
REVERSE BIAS VOLTAGE
V
(V)
C
ob
C
ib
f=1MHz
I
E
=0/I
C
=0
T
a
=25℃
V
CB
/ V
EB
C
ob
/ C
ib
——
COLLECTOR CURRENT
I
C
(A)
COMMON EMITTER
V
CE
= -2V
T
a
=25℃
T
a
=100℃
I
C
h
FE
——
-0.4mA
-0.3mA
-1mA
-0.9mA
-0.8mA
-0.7mA
-0.6mA
-0.5mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
-0.2mA
I
B
=-0.1mA
COMMON
EMITTER
T
a
=25℃
AMBIENT TEMPERATURE
T
a
(
)
℃
P
C
——
T
a
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com