Electronic Components Datasheet Search
  English  ▼

X  

2SA812 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SA812
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SA812 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SA812 Datasheet HTML 1Page - Nanjing International Group Co 2SA812 Datasheet HTML 2Page - Nanjing International Group Co 2SA812 Datasheet HTML 3Page - Nanjing International Group Co 2SA812 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
25
50
75
100
125
150
0
50
100
150
200
250
-400
-600
-800
-1000
-1
-10
-100
-1
-10
-100
10
100
1000
-1
-10
-100
-400
-600
-800
-1000
-0.1
-1
-10
1
10
-1
-10
-100
-10
-100
-1
-10
-100
0
100
200
300
400
500
600
-0
-2
-4
-6
-8
-0
-1
-2
-3
-4
AMBIENT TEMPERATURE Ta ( )
℃
Pc
——
Ta
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE=-6V
BASE-EMMITER VOLTAGE V
BE
(mV)
V
BE
I
C
——
I
C
f
T
——
COMMON EMITTER
V
CE=-6V
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
h
FE
——
β=10
Ta=100℃
Ta=25℃
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
20
C
ob
C
ib
f=1MHz
I
E=0/ IC=0
Ta=25
oC
REVERSE VOLTAGE V (V)
-20
V
CB
/ V
EB
C
ob
/ C
ib
——
I
C
V
CEsat
——
Ta=25℃
Ta=100℃
β=10
-200
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=-6V
Ta=25
oC
Ta=100
oC
I
C
COLLECTOR CURRENT I
C
(mA)
Static Characteristic
COMMON EMITTER
T
a=25
℃
-9uA
-8.1uA
-7.2uA
-6.3uA
-5.4uA
-4.5uA
-3.6uA
-2.7uA
-1.8uA
I
B=-0.9uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com