Electronic Components Datasheet Search
  English  ▼

X  

2SB1189 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2SB1189
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SB1189 Datasheet(HTML) 1 Page - Nanjing International Group Co

  2SB1189 Datasheet HTML 1Page - Nanjing International Group Co 2SB1189 Datasheet HTML 2Page - Nanjing International Group Co 2SB1189 Datasheet HTML 3Page - Nanjing International Group Co 2SB1189 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SB1189 TRANSISTOR (PNP)
FEATURES
High breakdown voltage
Complements to 2SD1767
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-80
V
VCEO
Collector-Emitter Voltage
-80
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.7
A
PC
Collector Power Dissipation
0.5
W
Operation Junction and
Storage Temperature Range
TJ,Tstg
-55~150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=-50μA,IE=0
-80
V
Collector-emitter breakdown voltage
V(BR)CEO IC=-2mA,IB=0
-80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-50μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V,IE=0
-0.5
μA
Emitter cut-off current
IEBO
VEB=-4V,IC=0
-0.5
μA
DC current gain
hFE
VCE=-3V,IC=-100mA
82
390
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-50mA
-0.4
V
Transition frequency
fT
VCE=-10V,IC=-50mA,f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
20
pF
CLASSIFICATION OF hFE
Rank
P
Q
R
Range
82-180
120-270
180-390
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
1
2
3
MARKING
BDP
BDQ
BDR
82-180
120-270
180-390
SOT-89-3L Plastic-Encapsulate Transistors
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
1/4
www.dgnjdz.com


Similar Part No. - 2SB1189

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1189 ROHM-2SB1189 Datasheet
69Kb / 3P
Medium power transistor (-80V, -0.7A)
2SB1189 ROHM-2SB1189 Datasheet
42Kb / 1P
MEDIUM POWER TRANSISTOR
logo
List of Unclassifed Man...
2SB1189 ETC1-2SB1189 Datasheet
38Kb / 1P
MEDIUM POWER TRANSISTOR(-80V, -0.7A)
logo
Guangdong Kexin Industr...
2SB1189 KEXIN-2SB1189 Datasheet
51Kb / 1P
Medium Power Transistor
logo
Rohm
2SB1189 ROHM-2SB1189 Datasheet
141Kb / 3P
Medium power transistor(-80V, -0.7A)
More results

Similar Description - 2SB1189

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SC4375 DGNJDZ-2SC4375 Datasheet
228Kb / 1P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
STC4350 DGNJDZ-STC4350 Datasheet
1Mb / 6P
SOT-89-3L Plastic-Encapsulate Transistors
NJ13001 DGNJDZ-NJ13001 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1386 DGNJDZ-2SB1386_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SD965 DGNJDZ-2SD965_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
D882 DGNJDZ-D882_V01 Datasheet
541Kb / 2P
SOT-89-3L Plastic-Encapsulate Transistors
PXT2222A DGNJDZ-PXT2222A_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com