Electronic Components Datasheet Search
  English  ▼

X  

DN68 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # DN68
Description  ZXSC310 High power torch reference design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

DN68 Datasheet(HTML) 1 Page - Zetex Semiconductors

  DN68 Datasheet HTML 1Page - Zetex Semiconductors DN68 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Issue 2 - July 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006
DN68
ZXSC310 High power torch reference design
Description
This design note shows a typical ZXSC310 LED driver circuit for a high powered LED torch. The
input voltage ranges from 0.7V to 1.6V with a maximum output current of 335mA at 1.4V input.
A typical schematic diagram is shown in Figure 1.
Figure 1
Schematic diagram
Reference Value
Part number
Manufacturer Contact details
Comments
U1
ZXSC310E5
Zetex
www.zetex.com
LED driver in SOT23-5
Q1
FMMT617
Zetex
www.zetex.com
Low sat. NPN in SOT23
D1
2A
ZHCS2000
Zetex
www.zetex.com
2A Schottky in SOT23
L1
7.5 H
DO3316P-153x2 Coilcraft
www.coilcraft.com ISAT = 3A
R1
19.5m
Generic
Generic
NA
0805 size
C1
1 FGeneric
Generic
NA
C2
220 FGeneric
Generic
NA
C3
100 FGeneric
Generic
NA
Table 1
Bill of materials
Q1
L1
VIN
Vcc
Gnd
Isense
Vdrive
Stdn
U1
ZXSC310
D1
C2
R1
C3
C1


Similar Part No. - DN68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DN6838 ETC1-DN6838 Datasheet
97Kb / 4P
DN6838
logo
Panasonic Semiconductor
DN6847 PANASONIC-DN6847 Datasheet
41Kb / 3P
Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6847S PANASONIC-DN6847S Datasheet
41Kb / 3P
Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6847SE PANASONIC-DN6847SE Datasheet
41Kb / 3P
Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6847TE PANASONIC-DN6847TE Datasheet
41Kb / 3P
Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
More results

Similar Description - DN68

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
DTV Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
Reference Design Kit
logo
Actel Corporation
UTCA-PM-RD-O ACTEL-UTCA-PM-RD-O Datasheet
197Kb / 7P
MicroTCA Power Module Reference Design
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
Complete Reference Design
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
Reference Design Documentation
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
UNMANAGED REFERENCE DESIGN
06/10/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com