Electronic Components Datasheet Search
  English  ▼

X  

74AVC2T45 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74AVC2T45
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC2T45 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AVC2T45 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC2T45 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver;
3-state
Rev. 10 — 4 November 2021
Product data sheet
1. General description
The 74AVC2T45 is a dual-bit, dual-supply transceiver that enables bidirectional level translation.
It features two data input-output ports (nA and nB), a direction control input (DIR) and dual-supply
pins (VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can be supplied at any voltage between 0.8 V
and 3.6 V making the device suitable for translating between any of the low voltage nodes
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V). Pins nA and DIR are referenced to VCC(A) and pins nB
are referenced to VCC(B). A HIGH on DIR allows transmission from nA to nB and a LOW on DIR
allows transmission from nB to nA.
The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In Suspend mode when either VCC(A) or VCC(B) are at GND level, both A and B are
in the high-impedance OFF-state.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 0.8 V to 3.6 V
• VCC(B): 0.8 V to 3.6 V
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3B exceeds 8000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Maximum data rates:
• 500 Mbit/s (1.8 V to 3.3 V translation)
• 320 Mbit/s (<1.8 V to 3.3 V translation)
• 320 Mbit/s (translate to 2.5 V or 1.8 V)
• 280 Mbit/s (translate to 1.5 V)
• 240 Mbit/s (translate to 1.2 V)
• Suspend mode
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C


Similar Part No. - 74AVC2T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVC2T45 NXP-74AVC2T45 Datasheet
167Kb / 32P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
Dual-bit, dual-supply voltage level translator/transceiver 3-state
logo
NXP Semiconductors
74AVC2T45DC NXP-74AVC2T45DC Datasheet
139Kb / 28P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVC2T45DC NXP-74AVC2T45DC Datasheet
167Kb / 32P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
More results

Similar Description - 74AVC2T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
74AVC2T45 NXP-74AVC2T45_09 Datasheet
167Kb / 32P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
74AVCH2T45 NXP-74AVCH2T45 Datasheet
160Kb / 31P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 03-6 May 2009
74AVC2T45DP NXP-74AVC2T45DP Datasheet
249Kb / 27P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
74AVC2T45 PHILIPS-74AVC2T45_15 Datasheet
249Kb / 27P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
Dual-bit, dual-supply voltage level translator/transceiver 3-state
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com