Electronic Components Datasheet Search
  English  ▼

X  

74AVCH2T45 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74AVCH2T45
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVCH2T45 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AVCH2T45 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AVCH2T45 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AVCH2T45 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVCH2T45 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVCH2T45 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVCH2T45 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVCH2T45 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVCH2T45 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVCH2T45 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Nexperia
74AVCH2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Supply voltage
Input
Input/output[1]
VCC(A), VCC(B)
DIR[2]
nA
nB
0.8 V to 3.6 V
L
nA = nB
input
0.8 V to 3.6 V
H
input
nB = nA
GND[3]
X
Z
Z
[1] The input circuit of the data I/O is always active.
[2] The DIR input circuit is referenced to VCC(A).
[3] If at least one of VCC(A) or VCC(B) is at GND level, the device goes into suspend mode.
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC(A) supply voltage A
-0.5
+4.6
V
VCC(B) supply voltage B
-0.5
+4.6
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
+4.6
V
IOK
output clamping current
VO < 0 V
-50
-
mA
Active mode
[1][2][3]
-0.5
VCCO + 0.5 V
VO
output voltage
Suspend or 3-state mode
[1]
-0.5
+4.6
V
IO
output current
VO = 0 V to VCCO
-
±50
mA
ICC
supply current
ICC(A) or ICC(B)
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[4]
-
250
mW
[1] The minimum input voltage rating and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] VCCO is the supply voltage associated with the output port.
[3] VCCO + 0.5 V should not exceed 4.6 V.
[4] For SOT765-1 (VSSOP8) package: Ptot derates linearly with 4.9 mW/K above 99 °C.
For SOT833-1 (XSON8) package: Ptot derates linearly with 3.1 mW/K above 68 °C.
For SOT1089 (XSON8) package: Ptot derates linearly with 4.0 mW/K above 88 °C.
For SOT1116 (XSON8) package: Ptot derates linearly with 4.2 mW/K above 90 °C.
For SOT1203 (XSON8) package: Ptot derates linearly with 3.6 mW/K above 81 °C.
74AVCH2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 8 — 7 December 2022
4 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com