Electronic Components Datasheet Search
  English  ▼

X  

74AXP1T45 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T45
Description  1-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T45 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AXP1T45 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T45 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Nexperia
74AXP1T45
1-bit dual supply translating transceiver; 3-state
9. Recommended operating conditions
Table 6. Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
0.9
5.5
V
VCC(B)
supply voltage B
0.9
5.5
V
VI
input voltage
0
5.5
V
Active mode
[1]
0
VCCO
V
VO
output voltage
Suspend or 3-state mode
0
5.5
V
Tamb
ambient temperature
-40
+125
°C
VCCI = 0.9 V
[2]
-
20
ns/V
VCCI = 1.2 V
-
20
ns/V
VCCI = 1.4 V to 1.95 V
-
20
ns/V
VCCI = 2.3 V to 2.7 V
-
20
ns/V
VCCI = 3.0 V to 3.6 V
-
10
ns/V
Δt/ΔV
input transition rise and fall rate
VCCI = 4.5 V to 5.5 V
-
8
ns/V
[1] VCCO is the supply voltage associated with the output port.
[2] VCCI is the supply voltage associated with the input port.
74AXP1T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 3 February 2022
4 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com