Electronic Components Datasheet Search
  English  ▼

X  

AD9694S-CSL Datasheet(PDF) 12 Page - Analog Devices

Part # AD9694S-CSL
Description  14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694S-CSL Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9694S-CSL Datasheet HTML 8Page - Analog Devices AD9694S-CSL Datasheet HTML 9Page - Analog Devices AD9694S-CSL Datasheet HTML 10Page - Analog Devices AD9694S-CSL Datasheet HTML 11Page - Analog Devices AD9694S-CSL Datasheet HTML 12Page - Analog Devices AD9694S-CSL Datasheet HTML 13Page - Analog Devices AD9694S-CSL Datasheet HTML 14Page - Analog Devices AD9694S-CSL Datasheet HTML 15Page - Analog Devices AD9694S-CSL Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
AD9694S-CSL
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 12 of 16
Table 9. Absolute Maximum Ratings
Parameter
Rating
Electrical
AVDD1 to AGND
1.05 V
AVDD1_SR to AGND
1.05 V
AVDD2 to AGND
2.00 V
AVDD3 to AGND
2.70 V
DVDD to DGND
1.05 V
DRVDD1 to DRGND
1.05 V
DRVDD2 to DRGND
2.00 V
SPIVDD to AGND
2.00 V
VIN±x to AGND
−0.3 V to AVDD3 + 0.3 V
CLK± to AGND
−0.3 V to AVDD1 + 0.3 V
SCLK, SDIO, CSB to DGND
−0.3 V to SPIVDD + 0.3 V
PDWN/STBY to DGND
−0.3 V to SPIVDD + 0.3 V
SYSREF± to AGND_SR
0 V to 2.5 V
SYNCINB±AB/SYNCINB±CD to DRGND
0 V to 2.5 V
Environmental
Operating TA Range
−55°C to +105°C
Maximum TJ
125°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection, junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure, θJC_BOT is the bot-
tom junction to case thermal resistance, ψJT is the junction-to-top
thermal characterization, and ψJB is the junction-to-board thermal
characterization.
Table 10. Thermal Resistance
PCB Type
θJA
θJC_BOT
ψJT
ψJB
Unit
JEDEC
2s2p Board
20.691
0.41
0.07
6.75
°C/W
1 Per JEDEC 51-7, plus JEDEC 51-5 2s2p test board.
OUTGAS TESTING
The criteria used for the acceptance and rejection of materials must
be determined by the user and based upon specific component and
system requirements. Historically, a total mass loss (TML) of 0.09%
and collected volatile condensable material (CVCM) of 0.02% have
been used as screening levels for rejection of spacecraft materials.
Table 11. Outgas Testing
Specification (Tested per ASTM E595 -15)
Value
Unit
TML
0.09
%
CVCM
0.02
%
Water Vapor Recovered
0.02
%
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com