Electronic Components Datasheet Search
  English  ▼

X  

LTC9101-2 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC9101-2
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC9101-2 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC9101-2 Datasheet HTML 4Page - Analog Devices LTC9101-2 Datasheet HTML 5Page - Analog Devices LTC9101-2 Datasheet HTML 6Page - Analog Devices LTC9101-2 Datasheet HTML 7Page - Analog Devices LTC9101-2 Datasheet HTML 8Page - Analog Devices LTC9101-2 Datasheet HTML 9Page - Analog Devices LTC9101-2 Datasheet HTML 10Page - Analog Devices LTC9101-2 Datasheet HTML 11Page - Analog Devices LTC9101-2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
ELECTRICAL CHARACTERISTICS
analog.com
Rev. 0 | 8 of 34
Table 4. Electrical Characteristics (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN TYP
MAX UNITS
tOSS_IDL
OSS Idle Time
50
µs
I2C Watchdog Timer Duration
* 1.5
2
3
s
Minimum Pulse Width for Masked Shutdown
* 3
µs
Minimum Pulse Width for RESET
* 4.5
µs
I2C Timing (Note 7)
fSCLK
Clock Frequency
*
1
MHz
t1
Bus Free Time
Figure 30 (Note 9)
* 480
ns
t2
Start Hold Time
Figure 30 (Note 9)
* 240
ns
t3
SCL Low Time
Figure 30 (Note 9)
* 480
ns
t4
SCL High Time
Figure 30 (Note 9)
* 240
ns
t5
SDAIN Data Hold Time
Figure 30 (Note 9)
* 60
ns
Data Clock to SDAOUT Valid
Figure 30 (Note 9)
*
250
ns
t6
Data Set-Up Time
Figure 30 (Note 9)
* 80
ns
t7
Start Set-Up Time
Figure 30 (Note 9)
* 240
ns
t8
Stop Set-Up Time
Figure 30 (Note 9)
* 240
ns
tr
SCL, SDAIN Rise Time
Figure 30 (Note 9)
*
120
ns
tf
SCL, SDAIN Fall Time
Figure 30 (Note 9)
*
60
ns
Fault Present to INT Pin Low
(Notes 9, 10)
*
150
ns
Stop Condition to INT Pin Low
(Notes 9, 10)
*
1.5
µs
ARA to INT Pin High Time
(Note 9)
*
1.5
µs
SCL Fall to ACK Low
(Note 9)
*
250
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any absolute
maximum rating condition for extended periods may affect device reliability and lifespan.
Note 2: This chipset includes overtemperature protection to protect the device during momentary overload conditions. Junction temperature
exceeds 140°C when overtemperature protection is active. Continuous operation above the specified maximum operating junction temperature
may impair device reliability.
Note 3: All currents into device pins are positive; all currents out of device pins are negative.
Note 4: The LTC9102 operates with a negative supply voltage (with respect to AGND). To avoid confusion, voltages in this data sheet are
referred to in terms of absolute magnitude.
Note 5: tDIS is the same as tMPDO defined by IEEE 802.3.
Note 6: The LTC9101-2A digital interface operates with respect to DGND. All logic levels are measured with respect to DGND.
Note 7: Guaranteed by design, not subject to test.
Note 8: The IEEE 802.3 defines MPS as the set of minimum PSE and PD input current requirements to maintain power. An LTC9101-2A/
LTC9102 port resets its MPS timer when VSENSEn – VSSKn ≥ VHOLD for tMPS and removes port power when VSENSEn – VSSKn ≥ VHOLD for a
period longer than tDIS. See the Disconnect section.
Note 9: Values measured at VIHD.
Note 10: If a fault condition occurs during an I2C transaction, the INT pin is not pulled down until a stop condition is present on the I2C bus.
Note 11: Load characteristics of the LTC9102 during Mark: 7V < (AGND – VOUTn) < 10V.
Note 12: Refer to the LTC9101-2A software interface data sheet for information on serial bus usage, and device configuration and status
registers.
Note 13: Do not source or sink current from CAP1, CAP2, CAP3, and CAP4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com