Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4292
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 2Page - Analog Devices LTC4292 Datasheet HTML 3Page - Analog Devices LTC4292 Datasheet HTML 4Page - Analog Devices LTC4292 Datasheet HTML 5Page - Analog Devices LTC4292 Datasheet HTML 6Page - Analog Devices LTC4292 Datasheet HTML 7Page - Analog Devices LTC4292 Datasheet HTML 8Page - Analog Devices LTC4292 Datasheet HTML 9Page - Analog Devices LTC4292 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
ELECTRICAL CHARACTERISTICS
analog.com
Rev. 0 | 6 of 34
The * denotes the specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
AGND – VEE = 55V and VDD – DGND = 3.3V, unless otherwise noted. (Notes 3 and 4)
Table 4. Electrical Characteristics
SYMBOL
PARAMETER
CONDITIONS
MIN TYP
MAX UNITS
Main PoE Supply Voltage
AGND – VEE
Type 2 Compliant Output
* 51
57
V
LTC9102 Undervoltage Lockout
AGND – VEE
*
8.2
9
V
VDD
VDD Supply Voltage
VDD – DGND
* 3
3.3
3.6
V
Undervoltage Warning
2.8
V
Undervoltage Lockout
2.6
VDD Slew Rate, Falling
2.4 ≤ VDD – DGND ≤ 3.0 (Note 7)
20
mV/μs
VCAP1, VCAP2
Internal Regulator Supply Voltage
VCAP1 – DGND, VCAP2 – DGND (Note 13)
1.2
V
VCAP3
Internal 3.3V Regulator Supply Voltage
CAP3 – VEE (Note 13)
* 3
3.3
3.6
V
tCAP3EXT
CAP3 External Supply Rise Time
0.5V < CAP3 < VCAP3(Min), EXT3 Tied to CAP3 (Note 7)
*
1
ms
VCAP4
Internal 4.3V Regulator Supply Voltage
CAP4 – VEE (Note 13)
*
4.3
V
IEE
VEE Supply Current
PWRIN Pin Connected to AGND, EXT3 LOW, All Gates Fully
Enhanced
7.7
11
14
mA
3.3V Rail Supply Current
From CAP3 = 3.3V (EXT3 HIGH)
4.2
5.4
6.6
mA
IDD
VDD Supply Current
(VDD – DGND) = 3.3V
*
40
60
mA
Detection/Connection Check
Forced Current
Load Resistance 15.5k to 32k
* 220
240
260
µA
* 143
160
180
µA
Forced Voltage
Load Resistance 18.5k to 27.5k
* 7
8
9
V
* 3
4
5
V
Detection Current Compliance
AGND – OUTn = 0V
*
0.8
0.9
mA
VOC
Detection Voltage Compliance
AGND – OUTn, Open Port
*
10.4
12
V
Detection Voltage Slew Rate
AGND – OUTn, CPORT = 150nF (Note 7)
0.01
V/µs
Min. Valid Signature Resistance
* 15.5 17
18.5
kΩ
Max. Valid Signature Resistance
* 27.5 29.7
32
kΩ
Classification
VCLASS
Classification Voltage
AGND – OUTn, SENSEn – VSSKn < 5mV
* 16
20.5
V
Classification Current Compliance
SENSEn – VSSKn, OUTn = AGND (Note 15)
* 7
8
9
mV
Classification Threshold
SENSEn – VSSKn (Note 15)
Class Signature 0 to 1
* 0.5
0.65
0.8
mV
Class Signature 1 to 2
* 1.3
1.45
1.6
mV
Class Signature 2 to 3
* 2.1
2.3
2.5
mV
Class Signature 3 to 4
* 3.1
3.3
3.5
mV
Class Signature 4 to Overcurrent
* 4.5
4.8
5.1
mV
VMARK
Classification Mark State Voltage
AGND – OUTn, SENSEn – VSSKn < 5mV
* 7.5
9
10
V
Mark State Current Compliance
OUTn = AGND
* 7
8
9
mV
Gate Driver
GATE Pin Pull-Down Current
Port Off, GATEn = VEE + 5V
1
mA
GATE Pin Fast Pull-Down Current
GATEn = VEE + 5V
65
mA
GATE Pin On Voltage
GATEn – VEE, IGATEn = 1µA
* 11
14
V
Output Voltage Sense
VPG
Power Good Threshold Voltage
OUTn – VEE
* 2
2.4
2.8
V
OUT Pin Pull-Up Resistance to AGND
Port On
2500
kΩ
Port Off
* 300
500
700
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com