Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 27 Page - Analog Devices

Part # LTC4271
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC4271 Datasheet HTML 23Page - Analog Devices LTC4271 Datasheet HTML 24Page - Analog Devices LTC4271 Datasheet HTML 25Page - Analog Devices LTC4271 Datasheet HTML 26Page - Analog Devices LTC4271 Datasheet HTML 27Page - Analog Devices LTC4271 Datasheet HTML 28Page - Analog Devices LTC4271 Datasheet HTML 29Page - Analog Devices LTC4271 Datasheet HTML 30Page - Analog Devices LTC4271 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 27 of 34
High-Speed Data Interface
The communication between the LTC9101-2A and LTC9102s is
through a high-speed data interface over either a proprietary isola-
tion scheme or direct connection scheme. For proper operation,
strict layout guidelines must be met (see High-Speed Data Interface
Layout).
In the proprietary isolation scheme, the LTC9101-2A/LTC9102 chip-
set uses a single pair of transformers to isolate the LTC9101-2A
from one to four LTC9102s (see Figure 43). In this case, the SDAIN
and SDAOUT pins can be shorted to each other and tied directly
to the I2C/SMBus bus. The transformers should be 10Base-T or
10/100Base-T with a 1:1 turns ratio. Optimally, the selected trans-
formers do not have common-mode chokes. These transformers
typically provide 1500V of isolation between the LTC9101-2A and
the LTC9102s. Significant BOM cost reductions can be achieved
using the proprietary isolation scheme.
In the direct connection scheme, the LTC9101-2A/LTC9102 chip-
set relies on pre-existing system isolation. In this scheme, the
LTC9101-2A connects directly to one or more LTC9102s using a
proprietary communication protocol (see Figure 44).
External MOSFET
Careful selection of the power MOSFET is critical to system reliabil-
ity. Choosing a MOSFET requires extensive analysis and testing
of the MOSFET SOA curve against the various PSE current limit
conditions. Analog Devices recommends the PSMN075-100MSE
for PSEs configured to deliver up to 25.5W maximum pairset power.
These MOSFETs are selected for their proven reliability in PoE
applications. Contact Analog Devices applications support before
using a MOSFET other than this recommended part.
Sense Resistors
The LTC9101-2A/LTC9102 is designed for a low 0.1Ω current
sense resistance per port, laid out as shown in the Layout Require-
ments section, Figure 46. To meet the IHOLD, and ILIM accuracy
required by the IEEE specification, the sense resistors should have
±1% tolerance or better, and no more than ±200ppm/°C tempera-
ture coefficient.
Port Output Cap
Each port requires a 0.1μF cap across OUTn to AGND (see Figure
45) to keep the LTC9102 stable while in current limit during start-up
or overload. Common ceramic capacitors often have significant
voltage coefficients; this means the capacitance is reduced as the
applied voltage increases. To minimize this problem, X7R ceramic
capacitors rated for at least 100V are recommended and must be
located close to the LTC9102.
Surge Protection
Ethernet ports can be subject to significant cable surge events. To
keep PoE voltages below a safe level and protect the application
against damage, protection components, as shown in Figure 45,
are required at the main supply, at the LTC9102 supply pins, and at
each port.
Bulk transient voltage suppression (TVSBULK) and bulk capacitance
(CBULK) are required across the main PoE supply, and should be
sized to accommodate system level surge requirements.
Across each LTC9102 AGND pin and VEE pin is a SMAJ58A
58V TVS (D1) and a 1µF, 100V bypass capacitor (C1). These
components must be placed close to the LTC9102 pins.
Each port requires an S1B clamp diode from OUTn to supply
AGND. This diode steers harmful surges into the supply rails,
where they are absorbed by the surge suppressors and the VEE
bypass capacitance. The layout of these paths must be low impe-
dance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com