Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4265
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4265 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4265 Datasheet HTML 20Page - Analog Devices LTC4265 Datasheet HTML 21Page - Analog Devices LTC4265 Datasheet HTML 22Page - Analog Devices LTC4265 Datasheet HTML 23Page - Analog Devices LTC4265 Datasheet HTML 24Page - Analog Devices LTC4265 Datasheet HTML 25Page - Analog Devices LTC4265 Datasheet HTML 26Page - Analog Devices LTC4265 Datasheet HTML 27Page - Analog Devices LTC4265 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 24 of 34
the port is powered on and reads zero at all other times. Samples
are taken continuously; a moving one second average is updated
every 100ms.
Port Voltage and VEE Readback
The LTC9101-2A/LTC9102 continuously measures the VEE voltage
with a dedicated A/D converter. This global VEE measurement
is fully synchronized to all port current measurements and can
monitor down to the LTC9102 UVLO threshold.
Temperature Readback
In addition to the overtemperature fault in the supply event register,
the LTC9101-2A also reports the die temperature of each corre-
sponding LTC9102.
Overtemperature Protection
Overtemperature protection automatically removes power from the
affected ports when the LTC9102 temperature exceeds a preset
threshold (150°C, typ.). Ports are prevented from resuming oper-
ation until the die temperature drops below a preset recovery
threshold (125°C, typ.). Refer to the LTC9101-2A software interface
data sheet for details.
Over Supply Shutdown (OSS)
The LTC9101-2A provides a low latency port shedding feature
to quickly reduce the system load when required. By allowing a
preconfigured set of ports to be turned off, the current on an over-
loaded main power supply can be reduced rapidly while keeping
high priority devices powered.
In 1-bit priority mode, each port can be configured to high or low
priority. On a rising edge of the OSS HW pin, the low priority ports
are shut down within 6.5μs.
If power is removed from a port due an OSS event, the correspond-
ing "Disconnect", "Power Good", "Power Enable", and "OSS" event
bits are set for that port or quad. Refer to the LTC9101-2A software
interface data sheet for port disable effects.
If a port is turned off through OSS, the corresponding "Detection
and Classification Enable" bits remain enabled, so the port begins
redetection.
Port Remapping
The LTC9101-2A/LTC9102 supports the ability to remap ports logi-
cally. This can be achieved by writing the appropriate values into
the port remapping register to achieve the remapping (see Table
13). By default, there is no remapping.
Table 13. Port Remapping
CODE
REMAPPING
00b
Port 1
Table 13. Port Remapping (Continued)
CODE
REMAPPING
01b
Port 2
10b
Port 3
11b
Port 4
Within a quad, any physical port can be mapped to any logical port.
Code Download
The LTC9101-2A firmware is field-upgradable by downloading and
executing firmware images.
Contact Analog Devices for code download procedures and firm-
ware images.
Firmware images are stored in a dedicated flash partition. A fully-
compliant IEEE 802.3at firmware image is preconfigured on the
LTC9101-2A. The firmware image may be overwritten by the user.
Two complete copies of the firmware image are maintained under
separate error correction code (ECC) and cyclic redundancy check
(CRC) protection for maximum data protection.
Stored Configurations
Custom I2C register map initial values may optionally be stored in
a dedicated flash partition (configuration package). When shipped
from the factory, the LTC9101-2A contains a default configuration
package, where register map initial values are as specified in the
LTC9101-2A software interface data sheet. Register map default
configurations may be stored during manufacturing bring up or
field-updated through configuration package download, and are
auto-loaded on reset.
Contact Analog Devices applications support for assistance in gen-
erating custom configuration packages. Configuration packages are
downloaded using the same code download mechanisms as firm-
ware packages. Package headers ensure configuration packages
are identified and stored in the appropriate flash partition.
If a stored configuration is used, CFG[1:0] are still required to
inform the LTC9101-2A how many LTC9102s are attached. AD[4:1]
are still required to inform the LTC9101-2A of the base I2C chip
address.
Two identical copies of the configuration image are maintained
under separate ECC and CRC protection for maximum data protec-
tion.
SERIAL DIGITAL INTERFACE
Overview
The LTC9101-2A communicates with the host using a standard
SMBus/I2C 2-wire interface. The LTC9101-2A is a slave-only de-
vice, and communicates with the host controller using standard
SMBus protocols. Interrupts are signaled to the host through INT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com