Electronic Components Datasheet Search
  English  ▼

X  

WSGPA01 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # WSGPA01
Description  10 W, 5 GHz, GaN on SiC General Purpose Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

WSGPA01 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  WSGPA01 Datasheet HTML 1Page - WOLFSPEED, INC. WSGPA01 Datasheet HTML 2Page - WOLFSPEED, INC. WSGPA01 Datasheet HTML 3Page - WOLFSPEED, INC. WSGPA01 Datasheet HTML 4Page - WOLFSPEED, INC. WSGPA01 Datasheet HTML 5Page - WOLFSPEED, INC. WSGPA01 Datasheet HTML 6Page - WOLFSPEED, INC. WSGPA01 Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02.1, 2021-07-13
4
WSGPA01
Pinout Diagram (top view)
Bias Sequencing
Bias ON
1.
Ensure RF is turned off
2.
Apply pinch-off voltage of –5 V to the gate
3.
Apply nominal drain voltage
4.
Bias gate to desired quiescent drain current
5.
Apply RF
Bias OFF
1.
Turn RF off
2.
Apply pinch-off voltage to the gate
3.
Turn-off drain voltage
4.
Turn-off gate voltage
Pin #
Symbol
Description
3, 4
RFIN + VGS
RF Input, Gate Supply
9, 10
RFOUT + VDS
RF Output, Drain Supply
1, 2, 5, 6, 7,
8, 11, 12
NC
No Connection
13
Source
(metalized backside)
Ground
Source
(metalized backside)
Index
marking
12
11
10
9
8
7
1
2
3
4
5
6
Source
(metalized backside)
Index
marking
12
11
10
9
8
7
1
2
3
4
5
6
NC
NC
NC
NC
NC
NC
RFIN + VGS
RFOUT + VDS
RFOUT + VDS
NC
NC
RFIN + VGS
13



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com