Electronic Components Datasheet Search
  English  ▼

X  

S2070 Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # S2070
Description  FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2070 Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button S2070 Datasheet HTML 9Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 10Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 11Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 12Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 13Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 14Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 15Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 16Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
S2070
FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision G
Figure 7. Power and Ground Connection Diagram
1
16
17
32
33
48
49
64
TTLVcc
TTLVee
AVee
TTLVcc
Vcc
Vee
Vcc
Vee
Vcc (+3.3 V)
Vcc (+3.3 V)
Vcc (+3.3 V)
Vcc (+3.3 V)
Vcc (+3.3 V)
Vcc (+3.3 V)
Vcc (+3.3 V)
Vcc (+3.3 V)
Vcc (+3.3 V)
S2070
(top view)
0.1
µF
0.1
µF
0.1
µF
0.1
µF
100 pF
100 pF
100 pF
100 pF
ferrite
0.1
µF
0.1
µF
100 pF
100 pF
0.1
µF
100 pF
0.1
µF
100 pF
0.1
µF
100 pF
ferrite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com