Electronic Components Datasheet Search
  English  ▼

X  

PM5377 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM5377
Description  Single Chip 96-Port STS-1/STM-0 Cross-Connect
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5377 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM5377 Datasheet HTML 1Page - PMC-Sierra, Inc PM5377 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 1.604.415.6000
Fax: 1.604.415.6200
Single Chip 96-Port STS-1/STM-0 Cross-Connect
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
PMC-2030715(R2)
© Copyright PMC-Sierra, Inc. 2004. All
rights reserved. August 2004.
For a complete list of PMC-Sierra’s
trademarks and registered trademarks,
visit: http://www.pmc-sierra.com/legal/
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM5377 TSE 240
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
• Provides 13 software configurable
delay registers for delay management
blocks 1 through 13 to allow arbitrary
alignment of egress frames to the
device frame timing when DMO is
allocated to an egress port or group of
ports.
PROTECTION SWITCHING
• Implements Message Assisted
Protection Switching (MAPS) enabling
hardware based protection decisions
and switching.
GENERAL
• RASIO 3G high-speed serial ingress
and egress links.
• Low-power 1.2 V CMOS core logic
with 2.5V digital outputs and 3.3V
tolerant 2.5V digital inputs.
• 1152-pin FCBGA, 35 x 35 mm.
• Driven by a 155.52 MHz reference
clock.
• Provides a standard five signal IEEE
1149.1 JTAG test port for boundary
scan board test.
• Provides a generic 16-bit
microprocessor bus interface for
configuration, control, and status
monitoring.
• 23 W typical power consumption when
all features and links @ 2.488 Gbit/s
are enabled and active.
APPLICATIONS
• SDH/SONET ADM
• MSPP
• Terminal Multiplexers
• Digital Cross-Connects
TYPICAL APPLICATION
PM5377
TSE 240
PM5326
ARROW 2x192
PM5329
ARROW 24xFE
PM5326
ARROW 2x192
PM5324
ARROW 1x192
PM5333
ARROW 8xFE
Generic
Function
ESSI
ESSI links
2.5G or
622M
VT switching subsystem
p
w
PM5370
WSE 40
PM5369
TUPP 9953
24x 10/100 Ethernet
8x 10/100 Ethernet
2x OC192/STM64
or
8x OC48/STM16
2x OC192/STM64
or
8x OC48/STM16
1x OC192/STM64
or
4x OC48/STM16
PM5369
TUPP 9953
PM5369
TUPP 9953
PM5369
TUPP 9953
PM5307
TBS 9953
PM5317
SPECTRA
9953
1x OC192/STM64
or
4x OC48/STM16
PM5309
TBS 2488
PM5315
SPECTRA
2488
1x OC48/STM16
or
4x OC12/STM4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com