Electronic Components Datasheet Search
  English  ▼

X  

IRS2011SPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRS2011SPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2011SPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS2011SPBF Datasheet HTML 6Page - International Rectifier IRS2011SPBF Datasheet HTML 7Page - International Rectifier IRS2011SPBF Datasheet HTML 8Page - International Rectifier IRS2011SPBF Datasheet HTML 9Page - International Rectifier IRS2011SPBF Datasheet HTML 10Page - International Rectifier IRS2011SPBF Datasheet HTML 11Page - International Rectifier IRS2011SPBF Datasheet HTML 12Page - International Rectifier IRS2011SPBF Datasheet HTML 13Page - International Rectifier IRS2011SPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.irf.com
10
IRS2011(S)PbF
0.0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 11A. Low Level Output
vs.Temperature
0.0
0.1
0.2
0.3
0.4
0.5
10
12
14
16
18
20
V
CC Supply Voltage (V)
Figure 11B. Low Level Output
vs. Supply Voltage
Max.
Max.
Max.
0.0
1.0
2.0
3.0
4.0
5.0
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 10A. High Level Output Voltage
vs. Te mperature (Io = 0 mA)
M ax
0.0
1.0
2.0
3.0
4.0
5.0
10
12
14
16
18
20
V
BAIS Supply Volt age (V)
Figure 10B. High Level Output Voltage
vs. Supply Voltage (Io = 0 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com