Electronic Components Datasheet Search
  English  ▼

X  

70033 Datasheet(PDF) 1 Page - Belden Inc.

Part # 70033
Description  AUDIO ANALOG 8 PAIR 26AWG, BRAID PVC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

70033 Datasheet(HTML) 1 Page - Belden Inc.

  70033 Datasheet HTML 1Page - Belden Inc. 70033 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 70033
AUDIO ANALOG 8 PAIR 26AWG, BRAID PVC
Product Description
ANALOG AUDIO 8 PAIR 26AWG/0.14mm², BRAID PVC
Technical Specifications
Product Overview
Suitable Applications:
Audio snake cable used in professional studios; For the transmission of analogue signals
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Cross Section Construction n x D
26
7x34
BC-OFHC - Oxygen-Free Bare Copper (High Conductivity) 0.14 mm²
7x0.16 mm
Conductor Count:
16
Total Number of Pairs:
8
Insulation
Type
Material
Nominal Diameter Diameter +/- Tolerance
Insulation PE - Polyethylene 1.00 mm
0.03 mm
Color Chart
Number
Color
Pair 1 t/m 8 White & Red
Inner Shield
Material
Material Trade Name Coverage [%]
Drainwire Material
Drainwire AWG Drainwire Construction n x D
Bi-Laminate
(Alum+Poly)
Beldfoil®
100%
Stranded tinned copper 26
7x0.16 mm
Table Notes:
Aluminum inside
Inner Jacket
Material
Nominal Diameter Diameter +/- Tolerance
PVC - Polyvinyl Chloride 2.80 mm
0.10 mm
Table Notes:
Elements are numbered for identification
Outer Shield
Type
Material
Min. Coverage [%]
Tape Polyester
Braid Tinned Copper (TC) 80%
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
PVC - Polyvinyl Chloride 12.50 mm
1.10 mm
Construction and Dimensions
Cabling


Similar Part No. - 70033

ManufacturerPart #DatasheetDescription
logo
Sennheiser electronic S...
700332 SENNHEISER-700332 Datasheet
557Kb / 10P
Evolution Wireless Digital
V1.7
700332 SENNHEISER-700332 Datasheet
365Kb / 8P
Evolution Wireless Digital
V1.6
700332 SENNHEISER-700332 Datasheet
446Kb / 8P
Evolution Wireless Digital
V1.6
700332 SENNHEISER-700332 Datasheet
569Kb / 10P
Evolution Wireless Digital
V1.7
700332 SENNHEISER-700332 Datasheet
223Kb / 8P
SPECTERA
V1.5
More results

Similar Description - 70033

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70034 BELDEN-70034 Datasheet
186Kb / 2P
AUDIO ANALOG 12 PAIR 26AWG, BRAID PVC
12-19-2022
70038 BELDEN-70038 Datasheet
185Kb / 2P
AUDIO ANALOG 10 PAIR 26AWG, PVC
12-20-2022
70043 BELDEN-70043 Datasheet
194Kb / 2P
AUDIO ANALOG 8 PAIR, 26AWG, LSZH
12-19-2022
70032 BELDEN-70032 Datasheet
186Kb / 2P
AUDIO ANALOG 4 PAIR 26AWG, BRAID PVC
12-19-2022
70035 BELDEN-70035 Datasheet
185Kb / 2P
AUDIO ANALOG 16 PAIR 26AWG, BRAID PVC
12-19-2022
70036 BELDEN-70036 Datasheet
185Kb / 2P
AUDIO ANALOG 24 PAIR 26AWG, BRAID PVC
12-19-2022
70037 BELDEN-70037 Datasheet
186Kb / 2P
AUDIO ANALOG 40 PAIR 26AWG, BRAID PVC
11-09-2022
BE46305 BELDEN-BE46305 Datasheet
174Kb / 2P
AUDIO ANALOG 16 PAIR, 26AWG, ISTP, PVC, STAGE
12-19-2022
BE46306 BELDEN-BE46306 Datasheet
181Kb / 2P
AUDIO ANALOG 24 PAIR, 26AWG, ISTP, PVC, STAGE
11-09-2022
BE46313 BELDEN-BE46313 Datasheet
175Kb / 2P
AUDIO ANALOG 8 PAIR, 26AWG, ISTP, PVC, STAGE
12-19-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com