Electronic Components Datasheet Search
  English  ▼

X  

70034 Datasheet(PDF) 2 Page - Belden Inc.

Part # 70034
Description  AUDIO ANALOG 12 PAIR 26AWG, BRAID PVC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

70034 Datasheet(HTML) 2 Page - Belden Inc.

  70034 Datasheet HTML 1Page - Belden Inc. 70034 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
Filler
3 fillers + 12 pairs Cotton (3x)
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
134.0 Ohm/km
Capacitance
Nom. Capacitance Conductor to Conductor
90 pF/m
Impedance
Nominal Characteristic Impedance
90 Ohm
Delay
Nominal Velocity of Propagation (VP) [%]
66%
Temperature Range
Other Temp Range:
-40 to +70 °C
Mechanical Characteristics
Min. Bend Radius During Installation:
145 mm
Min Setting Radius:
72.5 mm
Standards
CPR Euroclass:
Eca
Applicable Environmental and Other Programs
Environmental Space:
Indoor - Euroclass Eca
Flammability, LS0H, Toxicity Testing
IEC Flammability:
IEC 60332-1-2
Related Part Numbers
Variants
Item #
Color Put-Up Type Length
EAN
70034.00250 Black
Reel
250 m
8719605171214
70034.00500 Black
Reel
500 m
8719605009661
History
Update and Revision:
Revision Number: 0.160 Revision Date: 12-19-2022
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com