Electronic Components Datasheet Search
  English  ▼

X  

70040 Datasheet(PDF) 1 Page - Belden Inc.

Part # 70040
Description  MICROPHONECABLE 1PR AWG24
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

70040 Datasheet(HTML) 1 Page - Belden Inc.

  70040 Datasheet HTML 1Page - Belden Inc. 70040 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 70040
MICROPHONECABLE 1PR AWG24
Product Description
MICROPHONECABLE 1PR AWG24/0.22mm²
Technical Specifications
Product Overview
Suitable Applications:
Microphone cable
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Construction n x D
24
32x38
BC-OFHC - Oxygen-Free Bare Copper (High
Conductivity)
32x0.10 mm
Conductor Count:
2
Total Number of Pairs:
1
Insulation
Type
Material
Nominal Diameter Diameter +/- Tolerance
Insulation PE - Polyethylene 1.45 mm
0.05 mm
Color Chart
Number Color
Wire 1
Red
Wire 2
Blue
Color Chart 2
Color
Black
Red (like RAL 3001)
Yellow (like RAL 1003)
Green (like RAL 6029)
Blue (like RAL 5005)
Gray (like RAL 7000)
Table Notes:
Possible color of outerjacket
Outer Shield
Type
Material
Min. Coverage [%]
Spiral Serve / Screen Bare Copper (BC) 90%
Outer Jacket
Material
Nominal Diameter Diameter +/- Tolerance
PVC - Polyvinyl Chloride 6.10 mm
0.20 mm
Table Notes:
Flexible Matte Finish Sheath
Construction and Dimensions


Similar Part No. - 70040

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
70040 PRESTO-70040 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Wixroyd Group Ltd
70040 WIXROYD-70040 Datasheet
227Kb / 1P
Palm Grips aluminium
70040.W0240 WIXROYD-70040.W0240 Datasheet
227Kb / 1P
Palm Grips aluminium
70040.W0250 WIXROYD-70040.W0250 Datasheet
227Kb / 1P
Palm Grips aluminium
70040.W0263 WIXROYD-70040.W0263 Datasheet
227Kb / 1P
Palm Grips aluminium
More results

Similar Description - 70040

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
161A13399X CONEC-161A13399X Datasheet
56Kb / 1P
PLUG CONTACT CRIMP AWG24-20
logo
General Cable Technolog...
C4008A GENERAL-C4008A Datasheet
59Kb / 1P
1PR 22 AWG (SOLID)TC SRPVC, PVC COMMUNICATION & CONTROL CABLE
logo
Tyco Electronics
219413-2 MACOM-219413-2 Datasheet
109Kb / 1P
CABLE, CAT5E, F/UTP, SOLID, PR04, AWG24, PVC
logo
Assmann Electronics Inc...
ATU6-V305T-R ASSMANN-ATU6-V305T-R Datasheet
243Kb / 1P
Cat6, UTP, Twisted Pair, AWG24/1
ATUP-P305T ASSMANN-ATUP-P305T Datasheet
236Kb / 1P
Cat5e, UTP, Twisted Pair, AWG24/1
ATUP-V305T ASSMANN-ATUP-V305T Datasheet
242Kb / 1P
Cat5e, UTP, Twisted Pair, AWG24/1
logo
TE Connectivity Ltd
C7X-24B114XK1FA TEC-C7X-24B114XK1FA Datasheet
483Kb / 2P
CAT7 CABLE, AWG24, S/FTP (SINGLE OUTER SHIELD), FDR-25 JACKETED
C7X-24B114XL18A TEC-C7X-24B114XL18A Datasheet
176Kb / 2P
CAT7 CABLE, AWG24, S/FTP (DOUBLE OUTER SHIELD), ZEROHAL짰 JACKETED
logo
Belden Inc.
8780 BELDEN-8780 Datasheet
164Kb / 2P
Audio Cable, #16-1pr, TC, O/A Shield, CMG
01-20-2023
8759 BELDEN-8759 Datasheet
168Kb / 3P
Audio Cable, #20-1pr, TC, O/A Braid, CM
12-19-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com