Electronic Components Datasheet Search
  English  ▼

X  

70041 Datasheet(PDF) 1 Page - Belden Inc.

Part # 70041
Description  AUDIO ANALOG 2 PAIR, 26AWG, LSZH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

70041 Datasheet(HTML) 1 Page - Belden Inc.

  70041 Datasheet HTML 1Page - Belden Inc. 70041 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 70041
AUDIO ANALOG 2 PAIR, 26AWG, LSZH
Product Description
ANALOG AUDIO 2 PAIR, 26AWG/0.14mm², LSZH
Technical Specifications
Product Overview
Suitable Applications:
Audio snake cable used in professional studios; For the transmission of analogue signals
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Cross Section Construction n x D
26
7x34
BC-OFHC - Oxygen-Free Bare Copper (High Conductivity) 0.14 mm²
7x0.16 mm
Conductor Count:
4
Total Number of Pairs:
2
Insulation
Type
Material
Nominal Diameter Diameter +/- Tolerance
Insulation PE - Polyethylene 1.00 mm
0.03 mm
Color Chart
Number
Color
Pair 1 t/m 2 White & Red
Inner Shield
Type
Material
Material Trade Name Coverage [%]
Drainwire Material
Drainwire AWG Drainwire Construction n x D
Tape Bi-Laminate (Alum+Poly) Beldfoil®
100%
Stranded tinned copper 26
7x0.16 mm
Table Notes:
Aluminum inside
Inner Jacket
Material
Nominal Diameter Diameter +/- Tolerance
LSZH - Low Smoke Zero Halogen (Flame Retardant) 2.80 mm
0.10 mm
Table Notes:
Elements are numbered for identification
Outer Shield
Type
Material
Coverage [%] Drainwire Material
Drainwire AWG Drainwire Construction n x D
Tape Bi-Laminate (Alum+Poly) 100%
TC - Tinned Copper 26
7x0.16 mm
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) 8.00 mm
1.10 mm
Construction and Dimensions
Cabling
Description
Filler
2 fillers + 2 pairs Polypropylene (2x)


Similar Part No. - 70041

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
70041 PRESTO-70041 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Pro-Power
7004132 PROPOWER-7004132 Datasheet
39Kb / 1P
Screened Cable
20/12/11 V1.1
More results

Similar Description - 70041

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1509ENH BELDEN-1509ENH Datasheet
170Kb / 2P
AUDIO ANALOG 2 PAIR 24AWG, BELDFOIL, LSZH
11-09-2022
70019E BELDEN-70019E Datasheet
162Kb / 2P
AUDIO ANALOG 2 PAIR 26AWG,TPE
12-19-2022
70018E BELDEN-70018E Datasheet
233Kb / 2P
AUDIO ANALOG 1 PAIR 26AWG,TPE
11-09-2022
70038 BELDEN-70038 Datasheet
185Kb / 2P
AUDIO ANALOG 10 PAIR 26AWG, PVC
12-20-2022
70039 BELDEN-70039 Datasheet
185Kb / 2P
AUDIO ANALOG 10 PAIR, 26AWG, LSZH
12-20-2022
70042 BELDEN-70042 Datasheet
194Kb / 2P
AUDIO ANALOG 4 PAIR, 26AWG, LSZH
12-19-2022
70043 BELDEN-70043 Datasheet
194Kb / 2P
AUDIO ANALOG 8 PAIR, 26AWG, LSZH
12-19-2022
70044 BELDEN-70044 Datasheet
195Kb / 2P
AUDIO ANALOG 12 PAIR, 26AWG, LSZH
11-09-2022
70036 BELDEN-70036 Datasheet
185Kb / 2P
AUDIO ANALOG 24 PAIR 26AWG, BRAID PVC
12-19-2022
70052 BELDEN-70052 Datasheet
173Kb / 2P
2 PAIR AES/EBU, 26AWG, ISTP, LSZH
12-19-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com