Electronic Components Datasheet Search
  English  ▼

X  

9451DP Datasheet(PDF) 1 Page - Belden Inc.

Part # 9451DP
Description  Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, Flamarrest® Jkt,CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9451DP Datasheet(HTML) 1 Page - Belden Inc.

  9451DP Datasheet HTML 1Page - Belden Inc. 9451DP Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9451DP
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, Flamarrest® Jkt,
CMP
Product Description
Line Level Audio Cable, 2 Parallel Pair 22 AWG (7 x 30) Tinned Copper, FEP insulation, Overall Beldfoil® Shield, Flamarrest® Jacket, CMP
Technical Specifications
Product Overview
Suitable Applications:
Line level audio; Low voltage analog signals and control
Construction Details
Conductor
Element No. of Elements
Size
Stranding
Material
Pair(s)
2
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
FEP - Fluorinated Ethylene Propylene 0.008 in (0.20 mm) 0.044 in (1.1 mm)
Black & Red, Black & White
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (7x30) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.017 in (0.43 mm) 0.127 in (3.23 mm)
Table Notes:
Jacket and shield are bonded so both can be removed on automatic stripping equipment. Drain wire is inside foil shield.
Overall Cable Diameter (Nominal):
0.269 in (6.83 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
18.2 Ohm/1000ft
35 pF/ft (110 pF/m)
67 pF/ft (220 pF/m)
42 Ohm
69%
2.8 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V (CMP)
Mechanical Characteristics
Temperature
UL Temperature
Operating
60°C
-20°C to +75°C
Bend Radius
Stationary Min. Installation Min.


Similar Part No. - 9451DP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9451D BELDEN-9451D Datasheet
213Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, PVC Jkt, CMR
01-20-2023
9451D-0536000 BELDEN-9451D-0536000 Datasheet
213Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, PVC Jkt, CMR
01-20-2023
9451D-053U1000 BELDEN-9451D-053U1000 Datasheet
213Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, PVC Jkt, CMR
01-20-2023
9451D-A5Q2000 BELDEN-9451D-A5Q2000 Datasheet
213Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, PVC Jkt, CMR
01-20-2023
9451D-A5QU1000 BELDEN-9451D-A5QU1000 Datasheet
213Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, PVC Jkt, CMR
01-20-2023
More results

Similar Description - 9451DP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
DEIP162F BELDEN-DEIP162F Datasheet
137Kb / 2P
Digital Electricity™, 2 Pr #16 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
DEIP164F BELDEN-DEIP164F Datasheet
140Kb / 2P
Digital Electricity™, 4 Pr #16 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
DEIP168F BELDEN-DEIP168F Datasheet
141Kb / 2P
Digital Electricity™, 8 Pr #16 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
DEIP182F BELDEN-DEIP182F Datasheet
137Kb / 2P
Digital Electricity™, 2 Pr #18 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
DEIP184F BELDEN-DEIP184F Datasheet
140Kb / 2P
Digital Electricity™, 4 Pr #18 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
DEIP188F BELDEN-DEIP188F Datasheet
141Kb / 2P
Digital Electricity™, 8 Pr #18 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
9451D BELDEN-9451D Datasheet
213Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, PVC Jkt, CMR
01-20-2023
9451P BELDEN-9451P Datasheet
213Kb / 3P
Line Level Audio Cable, 1 Pr #22 Str TC, O/A Foil, Flamarrest® Jkt, CMP
01-20-2023
1801B BELDEN-1801B Datasheet
147Kb / 2P
Digital Audio Cable, 1 Pr #24 Str TC, O/A Foil, Flamarrest® Jkt, CMP
01-20-2023
1325A BELDEN-1325A Datasheet
158Kb / 2P
Security & Sound, 2 Pr #22 Str TC, Ind. Foil Shielded, Flamarrest® Jkt, CMP
04-28-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com