Electronic Components Datasheet Search
  English  ▼

X  

9451P Datasheet(PDF) 2 Page - Belden Inc.

Part # 9451P
Description  Line Level Audio Cable, 1 Pr #22 Str TC, O/A Foil, Flamarrest® Jkt, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9451P Datasheet(HTML) 2 Page - Belden Inc.

  9451P Datasheet HTML 1Page - Belden Inc. 9451P Datasheet HTML 2Page - Belden Inc. 9451P Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1.3 in (33 mm)
1.3 in (33 mm)
Max. Pull Tension:
27 lbs (12 kg)
Bulk Cable Weight:
14 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor - Plenum, Indoor
Flammability / Reaction to Fire:
NFPA 262 (UL910), FT6, IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
NEC / UL Compliance:
Article 800, CMP
CEC / C(UL) Compliance:
CMP
European Directive Compliance:
EU CE Mark, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Non-Plenum Number:
9451
History
Update and Revision:
Revision Number: 0.522 Revision Date: 01-20-2023
Part Numbers
Variants
Item #
Color
Putup Type
Length
UPC
Footnote
9451P 010Z250
Black
ReelTuff Box 250 ft
612825435273
9451P 010500
Black
Reel
500 ft
612825253068
9451P 010Z500
Black
ReelTuff Box 500 ft
612825252870
9451P 0101000
Black
Reel
1,000 ft 612825352952
9451P 010U1000
Black
UnReel
1,000 ft 612825435259
9451P 010Z1000
Black
ReelTuff Box 1,000 ft 612825445340
9451P 0105000
Black
Reel
5,000 ft 612825253044 C
9451P 006U1000
Blue, Light UnReel
1,000 ft 612825435228
9451P 006Z1000
Blue, Light ReelTuff Box 1,000 ft 612825252993
9451P 001U1000
Brown
UnReel
1,000 ft 612825435198
9451P 001Z1000
Brown
ReelTuff Box 1,000 ft 612825252917
9451P 0015000
Brown
Reel
5,000 ft 612825252887 C
9451P 008U1000
Gray
UnReel
1,000 ft 612825435235
9451P 008Z1000
Gray
ReelTuff Box 1,000 ft 612825253037
9451P 0085000
Gray
Reel
5,000 ft 612825253006 C
9451P N3UU1000 Green, Mil UnReel
1,000 ft 612825435266
9451P N3UZ1000
Green, Mil ReelTuff Box 1,000 ft 612825253075
9451P N3U5000
Green, Mil Reel
5,000 ft 612825252863 C
9451P 003U1000
Orange
UnReel
1,000 ft 612825435204
9451P 003Z1000
Orange
ReelTuff Box 1,000 ft 612825252955
9451P 0035000
Orange
Reel
5,000 ft 612825252924 C
9451P 002U1000
Red
UnReel
1,000 ft 612825252931
9451P 0025000
Red
Reel
5,000 ft 612825252900 C
9451P 007U1000
Violet
UnReel
1,000 ft 612825253013
9451P 0075000
Violet
Reel
5,000 ft 612825252986 C
9451P 009U1000
White
UnReel
1,000 ft 612825435242
9451P 009Z1000
White
ReelTuff Box 1,000 ft 612825253051
9451P 0095000
White
Reel
5,000 ft 612825253020 C
9451P 004U1000
Yellow
UnReel
1,000 ft 612825435211
9451P 004Z1000
Yellow
ReelTuff Box 1,000 ft 612825252979
9451P 0045000
Yellow
Reel
5,000 ft 612825252948 C
9451P 0065000
Yellow
Reel
5,000 ft 612825252962 C
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com