Electronic Components Datasheet Search
  English  ▼

X  

SCC100D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCC100D
Description  Pressure Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCC100D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCC100D Datasheet HTML 1Page - List of Unclassifed Manufacturers SCC100D Datasheet HTML 2Page - List of Unclassifed Manufacturers SCC100D Datasheet HTML 3Page - List of Unclassifed Manufacturers SCC100D Datasheet HTML 4Page - List of Unclassifed Manufacturers SCC100D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCC SERIES
Pressure Sensors
January 1998/040
Aubinger Weg 27, 82178 Puchheim, Germany
Phone 0049 - (0) 89 80 08 30, Fax 0049 - (0) 89 8 00 83 33
http://www.sensortechnics.com
provided for electrical connection to the
button package. The TO can and the DIP
offer a 5-pin open bridge configuration.
FEATURES
· 0 - 5 to 0 - 300 psi
· Low Cost Sensor Element
· Internal Temperature
Compensation
· Differential, Gage and
Absolute
APPLICATIONS
· Pneumatic Controls
· Automotive Diagnostics
· Medical Equipment
· Dental Equipment
· Environmental Controls
EQUIVALENT CIRCUIT
Button Sensor or "N" Package
(Open Bridge)
TO Can or DIP Package
GENERAL DESCRIPTION
The SCC series offer an extremely low
cost sensor element with a temperature
stable output when driven with a constant
current source. These integrated circuit
sen-sors were designed for extremely cost
sensitive applications where precise
accuracy over a wide temperature range
is not required. This series is intended for
use with non-corrosive, non-ionic working
fluids such as air and dry gases.
Absolute devices have an internal vacuum
reference and an output voltage proportio-
nal to applied pressure. The differential
devices allow application of pressure to
either side of the diaphragm and the devices
are thereby available to measure both dif-
ferential and/or gage pressures.
This product is packaged either in
SenSym´s standard low cost chip carrier
"button" package, a plastic ported "N"
package, a metal package or a dual inline
package (DIP). All packages are designed
for applications where the sensing element
is to be integral to the OEM equipment. The-
se packages can be O-ring sealed, epoxied,
and/or clamped onto a pressure fitting. A
closed bridge four-pin SIP configuration is
ELECTRICAL CONNECTIONS
+VS 3
out - 4
1
GND
out + 2
SCC..
TO Can
Button Sensor
(buttom view)
SCCxxxGD2
SCCxxxAD2
DIP
DIP
SCCxxxD4
DIP
+Vs
4
vent hole
out -
+Vs
1
out +
GND
4
out +
+Vs
1
out -
GND
+Vs
P1
GND
out -
1
out +
4
+Vs
P2
+Vs
Vs
-
Output
+
Output
Vs
+
-
Scale:
1cm
½ inch
The polarity indicated is for pressure applied to
SCC.../SCC...N
:
P1
(forward gage)
SCC...GD2
:
P2
(backward gage)
SCC...ASO/GSO
:
P1
(forward gage)
SCC...AD2
:
P1
(forward gage)
SCC...DD4
:
P2
(backward gage)


Similar Part No. - SCC100D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SCC100D SENSORTECHNICS-SCC100D Datasheet
103Kb / 5P
Pressure sensors
logo
Honeywell Accelerometer...
SCC100D HONEYWELL-ACC-SCC100D Datasheet
147Kb / 4P
CPX and XPX Cross to NSC Series
logo
Sensortechnics GmbH
SCC100DD4 SENSORTECHNICS-SCC100DD4 Datasheet
103Kb / 5P
Pressure sensors
logo
Honeywell Accelerometer...
SCC100DD4 HONEYWELL-ACC-SCC100DD4 Datasheet
147Kb / 4P
CPX and XPX Cross to NSC Series
logo
Sensortechnics GmbH
SCC100DN SENSORTECHNICS-SCC100DN Datasheet
103Kb / 5P
Pressure sensors
More results

Similar Description - SCC100D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
PRESSURE SENSORS
logo
EPCOS
B58600H8400A037 EPCOS-B58600H8400A037 Datasheet
143Kb / 8P
Pressure sensors
B58601G5010A001 EPCOS-B58601G5010A001 Datasheet
116Kb / 8P
Pressure sensors
B58601H8000A035 EPCOS-B58601H8000A035 Datasheet
138Kb / 8P
Pressure sensors
B58620T0510A001 EPCOS-B58620T0510A001 Datasheet
130Kb / 8P
Pressure sensors
logo
SICK AG
PBT-RB250SG1SEFALA0Z SICK-PBT-RB250SG1SEFALA0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
2016-08-17
PBT-RB400AN1SE0AMA0Z SICK-PBT-RB400AN1SE0AMA0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
2016-08-17
PBT-RB1X0SG1SSNVLC0Z SICK-PBT-RB1X0SG1SSNVLC0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
PBT-RB1X0SGTSSNVLC0Z SICK-PBT-RB1X0SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
PBT-RB010SGTSSNVLC0Z SICK-PBT-RB010SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com