Electronic Components Datasheet Search
  English  ▼

X  

TDA3507 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA3507
Description  Video control combination circuit with automatic cut-off control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3507 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA3507 Datasheet HTML 6Page - NXP Semiconductors TDA3507 Datasheet HTML 7Page - NXP Semiconductors TDA3507 Datasheet HTML 8Page - NXP Semiconductors TDA3507 Datasheet HTML 9Page - NXP Semiconductors TDA3507 Datasheet HTML 10Page - NXP Semiconductors TDA3507 Datasheet HTML 11Page - NXP Semiconductors TDA3507 Datasheet HTML 12Page - NXP Semiconductors TDA3507 Datasheet HTML 13Page - NXP Semiconductors TDA3507 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
November 1987
11
Philips Semiconductors
Product specification
Video control combination circuit with
automatic cut-off control
TDA3507
Notes
1.
< 115 mA after warm-up.
2. Values are proportional to the supply voltage.
3. When V11-24 < 0,4 V during clamping time  the black levels of the inserted RGB signals are clamped on the black
levels of the internal RGB signals.
When V11-24 > 0,9 V during clamping time  the black levels of the inserted RGB signals are clamped on an internal
DC voltage (correct clamping of the external RGB signals is possible only when they are synchronous with the
sandcastle pulse).
4. When pins 21, 22 and 23 are not connected, an internal bias voltage of 5,5 V is supplied.
5. Automatic cut-off control measurement occurs in the following lines after start of the vertical blanking pulse:
line 12: measurement of leakage current (R
+ G + B)
line 13: measurement of red cut-off current
line 14: measurement of green cut-off current
line 15: measurement of blue cut-off current
6. Black level of the measured channel is nominal; the other two channels are blanked to ultra-black.
7. All three channels blanked to ultra-black.
The cut-off control cycle occurs when the vertical blanking part of the sandcastle pulse contains more than 3 line
pulses.
The internal blanking continues until the end of the last measured line.
The vertical blanking pulse is not allowed to contain more than 34 line pulses, otherwise another control cycle begins.
8. The sandcastle pulse is compared with three internal thresholds (proportional to VP) and the given levels separate
the various pulses.
9. Blanked to ultra-black (
−25%).
10. Pulse duration
≥ 3,5 µs.
Difference in gain between
normal mode and signal insertion
mode
∆G1,3,5
−−
10
%
Sandcastle pulse detector
(pin 10)
note 8
Levels for separating the
following pulses:
horizontal and vertical
blanking pulses
note 9
V10
1,0
1,5
2,0
V
required pulses (H
+V)
V10
2,1
2,5
2,9
V
horizontal pulses
V10
3,0
3,5
4,0
V
required pulses (H)
V10
4,1
4,5
5,0
V
clamping pulses
note 10
V10
6,5
7,0
7,5
V
required pulses
V10
7,6
−
12,0
V
no keying
V10
−−
1,0
V
Input current
−I10
−−
110
µA
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com