Electronic Components Datasheet Search
  English  ▼

X  

PUMD2 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PUMD2
Description  NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUMD2 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PUMD2 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUMD2 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUMD2 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUMD2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUMD2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUMD2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUMD2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUMD2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUMD2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - PUMD2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD2 PHILIPS-PUMD2 Datasheet
63Kb / 12P
NPN/PNP resistor-equipped transistors
1999 May 21
PUMD2 PHILIPS-PUMD2 Datasheet
71Kb / 10P
NPN/PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm
2004 Apr 21
PUMD2 PHILIPS-PUMD2 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMD2 NXP-PUMD2 Datasheet
98Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 22 kW
Rev. 07-24 September 2008
logo
Nexperia B.V. All right...
PUMD2 NEXPERIA-PUMD2 Datasheet
919Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 3 - 28 November 2011
More results

Similar Description - PUMD2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA124E NXP-PDTA124E Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 02
PDTC124E NXP-PDTC124E Datasheet
181Kb / 14P
NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 17
PEMD2_PIMD2_PUMD2 PHILIPS-PEMD2_PIMD2_PUMD2_15 Datasheet
991Kb / 18P
NPN/PNP resistor-equipped transistors; R1 = 22 k?? R2 = 22 k?
Rev. 8-14 November 2013
PEMD16_PUMD16 PHILIPS-PEMD16_PUMD16_15 Datasheet
126Kb / 11P
NPN/PNP resistor-equipped transistors R1 = 22 k?? R2 = 47 k?
Rev. 3-28 June 2011
PEMH1_PUMH1 PHILIPS-PEMH1_PUMH1_15 Datasheet
629Kb / 14P
NPN/NPN resistor-equipped transistors R1 = 22 k?? R2 = 22 k?
Rev. 5-2 December 2011
PEMB1_PUMB1 PHILIPS-PEMB1_PUMB1_15 Datasheet
208Kb / 14P
PNP/PNP resistor-equipped transistors R1 = 22 k?? R2 = 22 k?
Rev. 3-28 November 2011
logo
Nexperia B.V. All right...
PQMD2 NEXPERIA-PQMD2 Datasheet
735Kb / 17P
NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 22 k廓
PEMB1 NEXPERIA-PEMB1 Datasheet
919Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 3 - 28 November 2011
PDTA124E_SER NEXPERIA-PDTA124E_SER Datasheet
1Mb / 18P
PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 25 November 2011
PEMD16 NEXPERIA-PEMD16_V01 Datasheet
125Kb / 11P
NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 47 k
Rev. 3 - 28 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com