Electronic Components Datasheet Search
  English  ▼

X  

PEMH13 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PEMH13
Description  50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMH13 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PEMH13 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PEMH13
50 V, 100 mA NPN/NPN resistor-equipped double transistor;
R1 = 4.7 kΩ, R2 = 47 kΩ
29 December 2022
Product data sheet
1. General description
NPN/NPN double Resistor-Equipped Transistor (RET) in an ultra small and flat lead SOT666
Surface-Mounted Device (SMD) plastic package.
NPN/PNP complement: PEMD13
PNP/PNP complement: PEMB13
2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
3. Applications
• Low current peripheral driver
• Controlling IC inputs
• Replacement of general purpose transistors in digital applications
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter
voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
[1]
3.3
4.7
6.1
kΩ
R2/R1
bias resistor ratio
[1]
8
10
12
[1] See section "Test information" for resistor calculation and test conditions.


Similar Part No. - PEMH13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH13 PHILIPS-PEMH13 Datasheet
56Kb / 8P
NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Dec 13
PEMH13 PHILIPS-PEMH13 Datasheet
61Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2004 Apr 14
PEMH13 NXP-PEMH13 Datasheet
145Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Apr 14
PEMH13_PUMH13 PHILIPS-PEMH13_PUMH13_15 Datasheet
623Kb / 14P
NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 47 k?
Rev. 4-6 December 2011
More results

Similar Description - PEMH13

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC143EM NEXPERIA-PDTC143EM Datasheet
817Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
1 April 2023
PDTC143ZU-Q NEXPERIA-PDTC143ZU-Q Datasheet
227Kb / 11P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
22 February 2023
PDTC143ET-Q NEXPERIA-PDTC143ET-Q Datasheet
228Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
7 March 2022
PDTC143ET NEXPERIA-PDTC143ET Datasheet
809Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
1 April 2023
PDTC143EU-Q NEXPERIA-PDTC143EU-Q Datasheet
226Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
7 March 2022
PDTC144ET-Q NEXPERIA-PDTC144ET-Q Datasheet
227Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 47 kΩ, R2 = 47 kΩ
7 March 2022
PDTC144EU-Q NEXPERIA-PDTC144EU-Q Datasheet
225Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 47 kΩ, R2 = 47 kΩ
18 March 2022
PUMH2-Q NEXPERIA-PUMH2-Q Datasheet
1Mb / 12P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
8 October 2021
PEMD13 NEXPERIA-PEMD13 Datasheet
238Kb / 13P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
28 December 2022
PEMH2 NEXPERIA-PEMH2 Datasheet
222Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
29 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com