Electronic Components Datasheet Search
  English  ▼

X  

PIMH9 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PIMH9
Description  NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMH9 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PIMH9 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PIMH9 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMH9 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMH9 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMH9 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMH9 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMH9 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMH9 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMH9 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PIMH9
NPN/NPN resistor-equipped transistors;
R1 = 10 kΩ, R2 = 47 kΩ
12 August 2022
Product data sheet
1. General description
NPN/NPN double Resistor-Equipped Transistors (RET) in a small SOT457 (SC-74) Surface-
Mounted Device (SMD) plastic package.
2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• AEC-Q101 qualified
3. Applications
• Low current peripheral driver
• Control of IC inputs
• Replaces general-purpose transistors in digital applications
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter
voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
7
10
13
kΩ
R2/R1
bias resistor ratio
3.7
4.7
5.7


Similar Part No. - PIMH9

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIMH9 PHILIPS-PIMH9 Datasheet
48Kb / 8P
NPN resistor-equipped double transistor; R1 = 10 kohm, R2 = 47 kohm
2001 Sep 13
PIMH9 NXP-PIMH9 Datasheet
157Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Apr 14
logo
Nexperia B.V. All right...
PIMH9 NEXPERIA-PIMH9 Datasheet
790Kb / 18P
NPN/NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 5 - 12 November 2013
More results

Similar Description - PIMH9

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC114EM NEXPERIA-PDTC114EM Datasheet
215Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ
12 August 2022
PDTC114EU NEXPERIA-PDTC114EU Datasheet
210Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ
12 August 2022
PDTC124X_SER NEXPERIA-PDTC124X_SER Datasheet
260Kb / 13P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = 47 kΩ
Rev. 07 - 16 November 2009
PDTC144T_SERIES NEXPERIA-PDTC144T_SERIES Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PDTC144V_SER NEXPERIA-PDTC144V_SER Datasheet
260Kb / 12P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 10 kΩ
Rev. 04 - 16 November 2009
PDTC144W_SERIES NEXPERIA-PDTC144W_SERIES Datasheet
422Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 17
PUMD48-Q NEXPERIA-PUMD48-Q Datasheet
253Kb / 14P
NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ
25 October 2021
PQMD12 NEXPERIA-PQMD12 Datasheet
689Kb / 14P
NPN/PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
8 July 2015
PDTC144T_SER NEXPERIA-PDTC144T_SER Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PDTC144W_SER NEXPERIA-PDTC144W_SER Datasheet
422Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com