Electronic Components Datasheet Search
  English  ▼

X  

B772 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # B772
Description  SOT-223 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

B772 Datasheet(HTML) 2 Page - Nanjing International Group Co

  B772 Datasheet HTML 1Page - Nanjing International Group Co B772 Datasheet HTML 2Page - Nanjing International Group Co B772 Datasheet HTML 3Page - Nanjing International Group Co B772 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-10
-100
1
10
100
-1
-10
-100
-1000
10
100
1000
-0
-3
-6
-9
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-1
-10
-100
-1000
-1
-10
-100
-1000
1
10
100
1000
-10
-100
-1000
-0.1
-1
-10
10
100
1000
-0
-200
-400
-600
-800
-1000
-1200
-1
-10
-100
-1000
AMBIENT TEMPERATURE
T
a
(
)
℃
P
c
—— T
a
-5
500
COLLECTOR CURRENT
I
C
(mA)
V
CE
=-5V
T
a
=25
oC
I
C
f
T
——
-3000
-20
3000
COMMON EMITTER
V
CE
= -2V
-3000
-3000
-3000
COLLECTOR CURRENT
I
C
(mA)
T
a
=25
oC
T
a
=100℃
I
C
h
FE
——
-3000
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
I
B
=-1mA
-2mA
-3mA
-4mA
-5mA
-6mA
-7mA
-8mA
-9mA
-10mA
COMMON
EMITTER
T
a
=25 ℃
β=10
T
a
=25℃
T
a
=100℃
V
CEsat ——
I
C
COLLECTOR CURRENT
I
C
(mA)
-
-
-
-
β=10
COLLECTOR CURRENT
I
C
(mA)
T
a
=100℃
T
a
=25℃
I
C
V
BEsat ——
C
ob
C
ib
f=1MHz
I
E
=0 / I
C
=0
T
a
=25
oC
V
CB / VEB
C
ob / Cib
——
REVERSE VOLTAGE
V
(V)
COMMON EMITTER
V
CE
= -2V
BASE-EMITTER VOLTAGE
V
BE
(mV)
V
BE
——
I
C
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
2/4
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com