Electronic Components Datasheet Search
  English  ▼

X  

BC808 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BC808
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BC808 Datasheet(HTML) 1 Page - Nanjing International Group Co

  BC808 Datasheet HTML 1Page - Nanjing International Group Co BC808 Datasheet HTML 2Page - Nanjing International Group Co BC808 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC808
TRANSISTOR (PNP)
FEATURES
Suitable for AF-Driver stages and low power output stages
Complement to BC818
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-30
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current –Continuous
-0.8
A
PC*
Collector Power Dissipation
300
mW
Operation Junction and
Storage Temperature Range
TJ,Tstg
-
55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100μA, IE=0
-30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA, IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-25V, IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-4V, IC=0
-0.1
μA
hFE(1)
VCE=-1V, IC=-100mA
100
630
DC current gain
hFE(2)
VCE=-1V, IC=-300mA
60
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-0.7
V
Base-emitter voltage
VBE
VCE=-1V, IC=-300mA
-1.2
V
Transition frequency
fT
VCE=-5V, IC=-10mA, f=50MHz
100
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
12
pF
CLASSIFICATION OF hFE
Rank
16
25
40
Range hFE(1)
100-250
160-400
250-630
Marking
5E
5F
5G
SOT-23
1.
BASE
2.
EMITTER
3.
COLLECTOR
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
1/3


Similar Part No. - BC808

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC808 FAIRCHILD-BC808 Datasheet
72Kb / 6P
Switching and Amplifier Applications
logo
General Semiconductor
BC808 GE-BC808 Datasheet
228Kb / 5P
Small Signal Transistors (PNP)
logo
AUK corp
BC808 AUK-BC808 Datasheet
82Kb / 3P
PNP Silicon Transistor (High current application Switching application)
logo
Infineon Technologies A...
BC808 INFINEON-BC808 Datasheet
47Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BC808 DIOTEC-BC808 Datasheet
175Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC808

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
S9015 DGNJDZ-S9015 Datasheet
504Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com