Electronic Components Datasheet Search
  English  ▼

X  

BC868 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BC868
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BC868 Datasheet(HTML) 1 Page - Nanjing International Group Co

  BC868 Datasheet HTML 1Page - Nanjing International Group Co BC868 Datasheet HTML 2Page - Nanjing International Group Co BC868 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC868
TRANSISTOR (NPN)
FEATURES
High current
Low voltage
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
32
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
1
A
PC
Collector Power Dissipation
500
mW
Operation Junction and
Storage Temperature Range
℃
TJ,Tstg
-55~150
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
32
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICBO
CB
V
=25V,IE=0
0.1
μA
Emitter cut-off current
IEBO
EB
V =5V,IC=0
0.1
μA
hFE(1)
CE
V
=1V,IC=500mA
85
375
hFE(2)
CE
V
=1V,IC=1A
60
DC current gain
hFE(3)
CE
V
=10V,IC=5mA
50
Collector-emitter saturation voltage
VCE(sat)
C
I =1A,IB=100mA
0.5
V
VBE1
CE
V
=10V,IC=5mA
0.62
V
Base-emitter voltage
VBE2
CE
V
=1V,IC=1A
1
V
Transition frequency
fT
CE
V
=5V,IC=10mA,f=100MHz
40
MHz
CLASSIFICATION OF hFE(1)
Rank
BC868-10
BC868-16
BC868-25
Range
85-160
100-250
160-375
MARKING
CCC
CBC
CDC
85-160
100-250
160-375
SOT-89-3L Plastic-Encapsulate Transistors
DONGGUAN NANJING ELECTRONICS LTD.,
1/3
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com


Similar Part No. - BC868

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC868 PHILIPS-BC868 Datasheet
43Kb / 8P
NPN medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
BC868 ZETEX-BC868 Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
NPN Medium Power Transistor
logo
NXP Semiconductors
BC868 NXP-BC868 Datasheet
155Kb / 9P
NPN medium power transistor;
2004 Nov 08
logo
Shenzhen Jin Yu Semicon...
BC868 HTSEMI-BC868 Datasheet
409Kb / 2P
TRANSISTOR (NPN)
More results

Similar Description - BC868

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SC4375 DGNJDZ-2SC4375 Datasheet
228Kb / 1P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
STC4350 DGNJDZ-STC4350 Datasheet
1Mb / 6P
SOT-89-3L Plastic-Encapsulate Transistors
NJ13001 DGNJDZ-NJ13001 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1386 DGNJDZ-2SB1386_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SD965 DGNJDZ-2SD965_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
D882 DGNJDZ-D882_V01 Datasheet
541Kb / 2P
SOT-89-3L Plastic-Encapsulate Transistors
PXT2222A DGNJDZ-PXT2222A_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com