Electronic Components Datasheet Search
  English  ▼

X  

NTS0102 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # NTS0102
Description  Dual supply translating transceiver; open-drain; auto direction sensing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0102 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button NTS0102 Datasheet HTML 17Page - NXP Semiconductors NTS0102 Datasheet HTML 18Page - NXP Semiconductors NTS0102 Datasheet HTML 19Page - NXP Semiconductors NTS0102 Datasheet HTML 20Page - NXP Semiconductors NTS0102 Datasheet HTML 21Page - NXP Semiconductors NTS0102 Datasheet HTML 22Page - NXP Semiconductors NTS0102 Datasheet HTML 23Page - NXP Semiconductors NTS0102 Datasheet HTML 24Page - NXP Semiconductors NTS0102 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open-drain; auto direction sensing
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1089
MO-252
sot1089_po
10-04-09
10-04-12
Unit
mm
max
nom
min
0.5 0.04
1.40
1.35
1.30
1.05
1.00
0.95
0.55 0.35
0.35
0.30
0.27
A(1)
Dimensions
Note
1. Including plating thickness.
2. Visible depending upon used manufacturing technology.
XSON8: extremely thin small outline package; no leads;
8 terminals; body 1.35 x 1 x 0.5 mm
SOT1089
A1
b
L1
0.40
0.35
0.32
0.20
0.15
0.12
D
E
e
e1
L
0
0.5
1 mm
scale
terminal 1
index area
E
D
detail X
A
A1
L
L1
b
e1
e
terminal 1
index area
1
4
8
5
(4×)(2)
(8×)(2)
X
Figure 15. Package outline SOT1089 (XSON8)
NTS0102
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.5 — 6 July 2023
21 / 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com