Electronic Components Datasheet Search
  English  ▼

X  

0805 Datasheet(PDF) 1 Page - Bivar, Inc.

Part # 0805
Description  SURFACE MOUNT LED GREEN, 0805 PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

0805 Datasheet(HTML) 1 Page - Bivar, Inc.

  0805 Datasheet HTML 1Page - Bivar, Inc. 0805 Datasheet HTML 2Page - Bivar, Inc. 0805 Datasheet HTML 3Page - Bivar, Inc. 0805 Datasheet HTML 4Page - Bivar, Inc. 0805 Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Revision B 08/22
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Page 1 of 5
CC
Part Number
Material
Emitted Color
Peak
Wavelength
λp(nm) TYP.
Lens
Appearance
Luminous
Intensity (mcd)
TYP.
Viewing Angle
SM0805UGC
GaP
GREEN
568
Water Clear
2.2
130°
SM0805UGC
 Industry Standard 0805 Package
 RoHS Compliant
Small Package and Footprint
 Water Clear Lens
 Wide Viewing Angle
 Ideal for Status Indication, Display, and Backlighting
Bivar Surface Mount 0805 package LED may be used in nearly any lighting or indication application. The
miniature package is ideal for small scale applications such as general indication and backlighting. Low
power consumption and excellent long life reliability are suitable for battery powered equipment. Bivar
offers water clear LED lens for maximum luminous intensity. Wide variety of wavelength and intensity
combinations are available to meet any illumination need. The SM0805 LED is packaged in standard tape
and reels for pick and place assemblies.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
Outline Dimensions
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.


Similar Part No. - 0805

ManufacturerPart #DatasheetDescription
logo
Formosa MS
0805 FORMOSA-0805 Datasheet
61Kb / 1P
Case No. 0805 Device
logo
Freescale Semiconductor...
0805 FREESCALE-0805 Datasheet
594Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
logo
List of Unclassifed Man...
0805 ETC1-0805 Datasheet
495Kb / 1P
P-V SERIES, THERMAL SENSITIVE CHIP ATTENUATORS
logo
Coilcraft lnc.
0805 COILCRAFT-0805 Datasheet
230Kb / 2P
USB 2.0 Common Mode Choke
logo
Kemet Corporation
0805 KEMET-0805 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
More results

Similar Description - 0805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM0805GC ETC2-SM0805GC Datasheet
1Mb / 5P
SURFACE MOUNT LED GREEN, 0805 PACKAGE
logo
Bivar, Inc.
SM0805URC BIVAR-SM0805URC Datasheet
640Kb / 5P
SURFACE MOUNT LED RED, 0805 PACKAGE
Revision A 03/09
SM0805AC BIVAR-SM0805AC Datasheet
1Mb / 5P
SURFACE MOUNT LED AMBER, 0805 PACKAGE
Revision D 10/22
SM0805BWC BIVAR-SM0805BWC Datasheet
639Kb / 5P
SURFACE MOUNT LED BLUE, 0805 PACKAGE
Revision A 03/09
SM0805GC BIVAR-SM0805GC Datasheet
1Mb / 5P
SURFACE MOUNT LED GREEN, 0805 PACKAGE
Revision B 12/13
SM0805GCL BIVAR-SM0805GCL Datasheet
1Mb / 5P
SURFACE MOUNT LED GREEN, 0805 PACKAGE, 2mA
Revision C 12/13
SM0805PGC BIVAR-SM0805PGC Datasheet
634Kb / 5P
SURFACE MOUNT LED PURE GREEN, 0805 PACKAGE
Revision A 03/09
SM0805RC BIVAR-SM0805RC Datasheet
641Kb / 5P
SURFACE MOUNT LED RED, 0805 PACKAGE
Revision A 03/09
SM0805UOC BIVAR-SM0805UOC Datasheet
635Kb / 5P
SURFACE MOUNT LED ORANGE, 0805 PACKAGE
Revision A 03/09
SM0805YC BIVAR-SM0805YC Datasheet
1Mb / 5P
SURFACE MOUNT LED YELLOW, 0805 PACKAGE
Revision D 10/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com