Electronic Components Datasheet Search
  English  ▼

X  

0807 Datasheet(PDF) 1 Page - Bivar, Inc.

Part # 0807
Description  SURFACE MOUNT LED RED/GREEN, 0807 PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

0807 Datasheet(HTML) 1 Page - Bivar, Inc.

  0807 Datasheet HTML 1Page - Bivar, Inc. 0807 Datasheet HTML 2Page - Bivar, Inc. 0807 Datasheet HTML 3Page - Bivar, Inc. 0807 Datasheet HTML 4Page - Bivar, Inc. 0807 Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 06/09
Page 1 of 5
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
RoHS Compliant
Moisture
Sensitivity
Level 4
SM0807BC-RP
♦
Industry Standard Package
♦
RoHS Compliant
♦
Two Chips in One Package
♦
Anode Marking
♦
White Diffused Lens
♦
Wide Viewing Angle
♦
Ideal for Status Indication and Lighting
Bivar Surface Mount 0807 package Bi-Color LED combines two chips in a single package. They are
ideal for small scale applications where multiple signals need to be displayed. When needed, the third
color can be created by powering up both chips together. Bivar offers white diffused LED lens for uni-
form light output and wide viewing angles. Low power consumption and excellent long life reliability
are ideal for battery powered equipment. The SM0807 LED is packaged in standard tape and reels for
pick and place assemblies.
SURFACE MOUNT LED
RED/GREEN, 0807 PACKAGE
Part Number
Material
Emitted Color
Peak
Wavelength
λp(nm) TYP.
Lens
Appearance
Luminous
Intensity @ 20mA
(mcd) TYP.
Viewing Angle
SM0807BC-RP
GaAl/As
RED
660
White Diffused
19
GaP
GREEN
565
13
120°
Outline Dimensions
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.


Similar Part No. - 0807

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
0807 BIVAR-0807 Datasheet
710Kb / 5P
SURFACE MOUNT LED SUPER RED/GREEN, 0807 PACKAGE
Revision A 06/09
0807 BIVAR-0807 Datasheet
671Kb / 6P
SURFACE MOUNT LED RED/GREEN/BLUE, 0807 PACKAGE
Revision A 8/21
0807 BIVAR-0807 Datasheet
1Mb / 5P
SURFACE MOUNT LED RED/GREEN, 0807 PACKAGE
Revision C 01/14
logo
Littelfuse
08070000 LITTELFUSE-08070000 Datasheet
904Kb / 2P
In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches
08070060 LITTELFUSE-08070060 Datasheet
904Kb / 2P
In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches
More results

Similar Description - 0807

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM1204BC ETC2-SM1204BC Datasheet
581Kb / 5P
SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
SM1210RGB ETC2-SM1210RGB Datasheet
580Kb / 5P
SURFACE MOUNT LED RED/GREEN/BLUE, 1210 PACKAGE
logo
Bivar, Inc.
SM0605BC-RG BIVAR-SM0605BC-RG Datasheet
1Mb / 5P
SURFACE MOUNT LED RED/GREEN, 0605 PACKAGE
Revision A 04/17
SM0807BC BIVAR-SM0807BC Datasheet
1Mb / 5P
SURFACE MOUNT LED RED/GREEN, 0807 PACKAGE
Revision C 01/14
SM0807RGB BIVAR-SM0807RGB Datasheet
671Kb / 6P
SURFACE MOUNT LED RED/GREEN/BLUE, 0807 PACKAGE
Revision A 8/21
SM0807SBC BIVAR-SM0807SBC Datasheet
710Kb / 5P
SURFACE MOUNT LED SUPER RED/GREEN, 0807 PACKAGE
Revision A 06/09
SM1204BC-RG BIVAR-SM1204BC-RG Datasheet
575Kb / 5P
SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
Revision A 01/10
SM1204BC BIVAR-SM1204BC Datasheet
577Kb / 5P
SURFACE MOUNT LED RED/GREEN, 1204 PACKAGE
Revision A 01/10
SM1210BC-SRHG BIVAR-SM1210BC-SRHG Datasheet
614Kb / 5P
SURFACE MOUNT LED RED/GREEN, 1210 PACKAGE
Revision A 03/09
SM1210BC BIVAR-SM1210BC Datasheet
614Kb / 5P
SURFACE MOUNT LED RED/GREEN, 1210 PACKAGE
Revision A 03/09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com