Electronic Components Datasheet Search
  English  ▼

X  

0807 Datasheet(PDF) 1 Page - Bivar, Inc.

Part # 0807
Description  SURFACE MOUNT LED RED/GREEN/BLUE, 0807 PACKAGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

0807 Datasheet(HTML) 1 Page - Bivar, Inc.

  0807 Datasheet HTML 1Page - Bivar, Inc. 0807 Datasheet HTML 2Page - Bivar, Inc. 0807 Datasheet HTML 3Page - Bivar, Inc. 0807 Datasheet HTML 4Page - Bivar, Inc. 0807 Datasheet HTML 5Page - Bivar, Inc. 0807 Datasheet HTML 6Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RECOMMENDED SOLDERING PATTERN
Part Number
Emitted Color
Peak
Wavelength
λP (nm) TYP.
Dominant
Wavelength
λD (nm) TYP.
Lens
Appearance
Luminous
Intensity
(mcd) TYP.
Viewing Angle
SM0807RGB
ULTRA HIGH RED
639
630
Water Clear
75
120°
BLUE
458
462
62
GREEN
518
522
450
Outline Dimensions
SM0807RGB
 Industry Standard 0807 Package
 RoHS Compliant
 Three Chips in One Package
 Water Clear Lens
 Wide Viewing Angle
 Ideal for Status Indication and Backlighting
Bivar Surface Mount SM0807 RGB LED is offered in an industry standard package with high luminous intensity
and wide viewing angles. The miniature package is ideal for reduced space applications such as general
indication and backlighting. Low power consumption and excellent long-life reliability are suitable for battery
powered equipment. The flexible three chip design allows for a wide variety of lighting options where the chips
can be individually driven or mixed to create numerous color and intensity combinations. Bivar SM0807 LED is
packaged in standard tape and reels for pick and place assemblies.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Revision A 8/21
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Page 1 of 6


Similar Part No. - 0807

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
0807 BIVAR-0807 Datasheet
710Kb / 5P
SURFACE MOUNT LED SUPER RED/GREEN, 0807 PACKAGE
Revision A 06/09
0807 BIVAR-0807 Datasheet
1Mb / 5P
SURFACE MOUNT LED RED/GREEN, 0807 PACKAGE
Revision C 01/14
0807 BIVAR-0807 Datasheet
731Kb / 5P
SURFACE MOUNT LED RED/GREEN, 0807 PACKAGE
Revision A 06/09
logo
Littelfuse
08070000 LITTELFUSE-08070000 Datasheet
904Kb / 2P
In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches
08070060 LITTELFUSE-08070060 Datasheet
904Kb / 2P
In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches
More results

Similar Description - 0807

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM1204BC-R ETC2-SM1204BC-R Datasheet
589Kb / 5P
SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
SM1210RGB ETC2-SM1210RGB Datasheet
580Kb / 5P
SURFACE MOUNT LED RED/GREEN/BLUE, 1210 PACKAGE
logo
Bivar, Inc.
SM0605RGB BIVAR-SM0605RGB Datasheet
1Mb / 5P
SURFACE MOUNT LED RED/GREEN/BLUE, 0605 PACKAGE
Revision B 07/17
SM0807BC-RP BIVAR-SM0807BC-RP Datasheet
731Kb / 5P
SURFACE MOUNT LED RED/GREEN, 0807 PACKAGE
Revision A 06/09
SM0807BC BIVAR-SM0807BC Datasheet
1Mb / 5P
SURFACE MOUNT LED RED/GREEN, 0807 PACKAGE
Revision C 01/14
SM0807SBC BIVAR-SM0807SBC Datasheet
710Kb / 5P
SURFACE MOUNT LED SUPER RED/GREEN, 0807 PACKAGE
Revision A 06/09
SM1204BC-RB BIVAR-SM1204BC-RB Datasheet
584Kb / 5P
SURFACE MOUNT LED RED/BLUE, 1204 PACKAGE
Revision A 01/10
SM1204RGB BIVAR-SM1204RGB Datasheet
659Kb / 6P
SURFACE MOUNT LED RED/GREEN/BLUE, 1204 PACKAGE
Revision A 8/21
SM1210BC-URUB BIVAR-SM1210BC-URUB Datasheet
617Kb / 5P
SURFACE MOUNT LED RED/BLUE, 1210 PACKAGE
Revision A 03/09
SM1210RGB BIVAR-SM1210RGB Datasheet
576Kb / 5P
SURFACE MOUNT LED RED/GREEN/BLUE, 1210 PACKAGE
Revision A 03/09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com