Electronic Components Datasheet Search
  English  ▼

X  

SM1206AC Datasheet(PDF) 4 Page - Bivar, Inc.

Part # SM1206AC
Description  SURFACE MOUNT LED AMBER, 1206 PACKAGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

SM1206AC Datasheet(HTML) 4 Page - Bivar, Inc.

  SM1206AC Datasheet HTML 1Page - Bivar, Inc. SM1206AC Datasheet HTML 2Page - Bivar, Inc. SM1206AC Datasheet HTML 3Page - Bivar, Inc. SM1206AC Datasheet HTML 4Page - Bivar, Inc. SM1206AC Datasheet HTML 5Page - Bivar, Inc. SM1206AC Datasheet HTML 6Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Revision B 04/22
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Page 4 of 6
Temp. ( ̊C )
Time (sec)
a
25
T0~T1
Max. 3 ̊C/sec
b
150
T1~T2
90~130 sec
c
200
T2~T4
Max. 3 ̊C/sec
d
220
T3~T6
Max. 50 sec
e
245
f
Max. 260
Max. 10 sec
T5~T7
Max. -3 ̊C/sec
Belt Speed
70~90 cm/min
Soldering Iron
1. Temperature at tip of iron: 300 ̊C Max. (25W Max.)
2. Soldering time: 5 ± 1 sec.
Precautions For Use
1. Customer must apply resistors for protection and stability. Using Circuit B in the diagram below is recommended.
Using Circuit A can result in LED burnout.
2. Current change may lead to LED color change. If there is a large difference between the spectral color separation
current and actual service current, a color difference may occur.
3. Utilize forward current for LED operation. Subjecting the LED to continuous reverse voltage may cause damage
to the die.
Handling Precautions
1. When handling the product with tweezers, be careful to not damage the resin. The resin can be cut, chipped,
delaminated, or deformed, which can lead to wire-bond breaks.
2. Reflow soldering must not be performed more than twice. Hand soldering must not be performed more than once.
3. When soldering, do not put stress on the LEDs during heating.
4. LEDs are sensitive to static electricity or voltage surges. ESD can damage a die and its reliability.
5. Do not stack assembled PCBs together. When stacked, PCBs with soldered LEDs can damage the resin
surrounding the die, leading to failure.
Recommended Soldering Conditions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com