Electronic Components Datasheet Search
  English  ▼

X  

AP1511 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1511
Description  PWM Control 5A Step-Down Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1511 Datasheet(HTML) 1 Page - Anachip Corp

  AP1511 Datasheet HTML 1Page - Anachip Corp AP1511 Datasheet HTML 2Page - Anachip Corp AP1511 Datasheet HTML 3Page - Anachip Corp AP1511 Datasheet HTML 4Page - Anachip Corp AP1511 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP1511
PWM Control 5A Step-Down Converter
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.1 Mar 4, 2005
1/5
Features
- Input voltage: 3.6V to 23V.
- Output voltage: 0.8V to VCC.
- Duty ratio: 0% to 100% PWM control
- Oscillation frequency: 300KHz typ.
- Soft-start, Current limit, Enable function
- Thermal Shutdown function
- Built-in internal SW P-channel MOS
- SOP-16L Pb-Free Package.
Applications
-Microprocessor core supply
-Networking power supply
-LCD MNT, TV power supply
-Telecom power supply
General Description
AP1511 consists of step-down switching regulator
with PWM control. These devices include a reference
voltage source, oscillation circuit, error amplifier,
internal PMOS and etc.
AP1511 provides low-ripple power, high efficiency,
and excellent transient characteristics. The PWM
control circuit is able to very the duty ratio linearly
from 0 up to 100%. This converter also contains an
error amplifier circuit as well as a soft-start circuit that
prevents overshoot at startup. An enable function,
an over current protect function and a short circuit
protect function are built inside, and when OCP or
SCP happens, the operation frequency will be
reduced from 300KHz to 30KHz. Also, an internal
compensation block is built in to minimum external
component count.
With the addition of an internal P-channel Power MOS,
a coil, capacitors, and a diode connected externally,
these ICs can function as step-down switching
regulators. They serve as ideal power supply units for
portable devices when coupled with the SOP-16L
mini-package, providing such outstanding features as
low current consumption. Since this converter can
accommodate an input voltage up to 23V, it is also
suitable for the operation via an AC adapter.
Pin Assignments
AP1511
1
2
3
15
14
13
12
11
10
9
8
7
6
5
4
16
(Top View)
SOP-16L
GND
GND
Vref
(Comp)
V
C
PVcc
Output
Output
GND
GND
FB
EN
OCSET
Vcc
Output
Output
Pin Descriptions
Pin
Name
Pin
No.
Description
GND
1
GND pin
GND
2
GND pin
FB
3
Feedback pin
EN
4
H: Normal operation
L: Step-down operation stopped
OCSET
5
Add an external resistor to set max
output current.
Vcc
6
Signal Vcc
Output
7
Switch output pin
Output
8
Switch output pin
Output
9
Switch output pin
Output
10 Switch output pin
PVcc
11
Power Vcc
VC
12 Voltage clamp pin
Vref
13 Reference voltage
(Comp)
14 Option for comp
GND
15 GND pin
GND
16 GND pin


Similar Part No. - AP1511

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1511 DIODES-AP1511 Datasheet
499Kb / 7P
PWM CONTROL 5A STEP-DOWN CONVERTER
AP1511 Rev. 1
logo
Guangdong Youtai Semico...
AP1511 UMW-AP1511 Datasheet
769Kb / 8P
IR-Cut Removable (ICR) dedicated driver IC.
AP1511B UMW-AP1511B Datasheet
769Kb / 8P
IR-Cut Removable (ICR) dedicated driver IC.
More results

Similar Description - AP1511

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
logo
FOSLINK SEMICONDUCTOR C...
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1511 DIODES-AP1511 Datasheet
499Kb / 7P
PWM CONTROL 5A STEP-DOWN CONVERTER
AP1511 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
PWM Control 1500mA Step-Down Converter
logo
Unisonic Technologies
P3586 UTC-P3586_17 Datasheet
332Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com