Electronic Components Datasheet Search
  English  ▼

X  

SF15JC10 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # SF15JC10
Description  SHCOTTKY RECTIFIERS(SBD)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SF15JC10 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  SF15JC10 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SF15JC10 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SF15JC10 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SF15JC10 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd SF15JC10 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd SF15JC10 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd SF15JC10 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd SF15JC10 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SF15JC10
100V 15A
Copyright & Copy;2001 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit:mm
RATINGS
SHINDENGEN
Case : FTO-220
Dual
Schottky Rectifiers (SBD)
œAbsolute Maximum Ratings i If not specified, Tc=25Žj
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55`150
Ž
Operating Junction Temperature
Tj
150
Ž
Maximum Reverse Voltage
VRM
100
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each diode Io/2, Tc=124Ž
15
A
Peak Surge Forward Current
IFSM 50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25Ž
150
A
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
2.0
kV
Mounting Torque
TOR (Recommended torqueF 0.3N¥m)
0.5
N¥m
œElectrical Characteristics i If not specified, Tc=25Žj
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=7.5A, Pulse measurement, Rating of per diode
Max 0.86
V
Reverse Current
IR
VR=VRM, Pulse measurement, Rating of per diode
Max 0.6
mA
Junction Capacitance
Cj
f=1MHz, VR=10V, Rating of per diode
Typ 200
pF
Thermal Resistance
Æjc junction to case
Max 2.0
Ž/W


Similar Part No. - SF15JC10

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF15 MOSPEC-SF15 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
logo
Won-Top Electronics
SF15 WTE-SF15 Datasheet
46Kb / 3P
1.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF15 ZOWIE-SF15 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF15 RECTRON-SF15 Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Jinan Gude Electronic D...
SF15 JGD-SF15 Datasheet
161Kb / 2P
1.0 AMP. SUPER FAST RECTIFIERS
More results

Similar Description - SF15JC10

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
M2FH3 SHINDENGEN-M2FH3 Datasheet
468Kb / 11P
SCHOTTKY RECTIFIERS (SBD)
M2FM3 SHINDENGEN-M2FM3 Datasheet
480Kb / 12P
SCHOTTKY RECTIFIERS (SBD)
SF20SC6 SHINDENGEN-SF20SC6 Datasheet
451Kb / 10P
SCHOTTKY RECTIFIERS (SBD)
SF20SC9 SHINDENGEN-SF20SC9 Datasheet
356Kb / 8P
SCHOTTKY RECTIFIERS SBD
S40HC1R5 SHINDENGEN-S40HC1R5 Datasheet
254Kb / 8P
SCHOTTKY RECTIFIERS SBD
DG1M3 SHINDENGEN-DG1M3 Datasheet
248Kb / 8P
SCHOTTKY RECTIFIERS (SBD)
logo
International Rectifier
50WQ10G IRF-50WQ10G Datasheet
162Kb / 7P
SHCOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20JC10 SHINDENGEN-DF20JC10 Datasheet
328Kb / 8P
Shottky Rectifiers(SBD)
SF20JC10 SHINDENGEN-SF20JC10 Datasheet
256Kb / 8P
Schottky Rectifiers (SBD)
DG1H3 SHINDENGEN-DG1H3 Datasheet
261Kb / 9P
SCHOTTKY RECTIFIERS (SBD)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com