Electronic Components Datasheet Search
  English  ▼

X  

EPI680321B20 Datasheet(PDF) 33 Page - PCA ELECTRONICS INC.

Part # EPI680321B20
Description  Contents Surface Mount Power Inductor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI680321B20 Datasheet(HTML) 33 Page - PCA ELECTRONICS INC.

Back Button EPI680321B20 Datasheet HTML 29Page - PCA ELECTRONICS INC. EPI680321B20 Datasheet HTML 30Page - PCA ELECTRONICS INC. EPI680321B20 Datasheet HTML 31Page - PCA ELECTRONICS INC. EPI680321B20 Datasheet HTML 32Page - PCA ELECTRONICS INC. EPI680321B20 Datasheet HTML 33Page - PCA ELECTRONICS INC. EPI680321B20 Datasheet HTML 34Page - PCA ELECTRONICS INC. EPI680321B20 Datasheet HTML 35Page - PCA ELECTRONICS INC. EPI680321B20 Datasheet HTML 36Page - PCA ELECTRONICS INC. EPI680321B20 Datasheet HTML 37Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Features of the EPI “KSP45” Series
• Low loss material ensures operation in high frequency
switching converters, such as Buck, Boost or as output
averaging filter inductor
• Also suitable for use in high quality filter applications and as a
Coupled Inductor
• Low cost Robust construction to withstand most SMT processes
EPI KSP45 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXKSP45a
Rev. 1
12/11/02
2.2
0.55
3.4
0.85
4.8
1.2
8.8
2.2
19.6
4.9
30.4
7.6
39.2
9.8
60.0
15.0
78.4
19.6
Inductance
(µH ± 20%)
@ 0 Adc
DCR
(
Ω Max.)
.024
.006
.029
.007
.033
.008
.055
.014
.128
.032
.158
.040
.179
.045
.339
.085
.387
.097
I dc
(Amps)
2.95
5.90
2.70
5.40
2.50
5.00
1.95
3.90
1.25
2.50
1.15
2.30
1.05
2.10
0.80
1.60
0.75
1.50
Part Number
EPI0L4592KSP45
EPI0L6542KSP45
EPI0L8502KSP45
EPI1L5392KSP45
EPI3L5252KSP45
EPI5L3232KSP45
EPI6L7212KSP45
EPI100162KSP45
EPI130152KSP45
Package KSP45
.460 Max.
(11.68)
.460 Max.
(11.68)
Pin 1
I.D.
.235 Max.
(5.97)
.350
(8.89)
.350
(8.89)
Top
View
Bottom
View
4
3
2
1
Marking :
PCA
Inductance Value
D.C.
.145
(3.68)
.392
(9.96)
.120
(3.05)
.422
(10.72)
.277
(7.04)
Recommended
Layout
1. Temperature Rise : 40°C Max. @ Idc
2. Inductance Change at Idc : 40% Max.
Notes :
Schematic
14
3
2
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Series
Parallel
Connection
1.6
0.4
2.4
0.6
3.2
0.8
6.0
1.5
14
3.5
21.2
5.3
26.8
6.7
40
10
52
13
Inductance
(µH Min.)
@ Idc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com