Electronic Components Datasheet Search
  English  ▼

X  

BCC0718 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0718
Description  Terminating Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0718 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0718 Datasheet HTML 1Page - Balluff Korea Ltd. BCC0718 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Terminating Resistors
BCC M415-0000-2B-R01
Order Code: BCC0718
Internet
www.balluff.com
eCl@ss 9.1: 19-07-04-03
Subject to change without notice: 181225
ETIM 6.0: EC001855
BCC0718_0.58_2022-07-16
1 / 2
Basic features
Approval/Conformity
EAC
WEEE
Electrical connection
Cable
drag chain compatible
Connector 01, version
straight
Number of pins
5
System
Molded
Electrical data
Operating voltage Ub
24 VAC
Rated current (40 °C)
4.0 A
Environmental conditions
Ambient temperature
-20...80 °C
IP rating
IP68
Material
Material contact carrier
PUR
Material contacts
Brass
Material cover nut
Die-cast zinc
Material grip
PUR
Mechanical data
Cable properties
drag chain compatible
Tightening torque pigtail
0.6 Nm
Remarks
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.
Connector Drawings


Similar Part No. - BCC0718

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0710 BALLUFF-BCC0710 Datasheet
118Kb / 2P
Single-Ended Cordsets
0.63_2022-04-13
BCC0714 BALLUFF-BCC0714 Datasheet
98Kb / 2P
Field-Attachable Connectors
2022-08-01
BCC0715 BALLUFF-BCC0715 Datasheet
97Kb / 2P
Field-Attachable Connectors
2022-08-01
BCC0716 BALLUFF-BCC0716 Datasheet
100Kb / 2P
Field-Attachable Connectors
2022-07-16
BCC0717 BALLUFF-BCC0717 Datasheet
100Kb / 2P
Field-Attachable Connectors
2022-07-16
More results

Similar Description - BCC0718

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-682 FAIRCHILD-AN-682 Datasheet
173Kb / 3P
Terminating F100K ECL Inputs
logo
TE Connectivity Ltd
408-8734 TEC-408-8734 Datasheet
389Kb / 6P
Terminating Modules
408-4406 TEC-408-4406 Datasheet
336Kb / 5P
Mass Insertion Terminating Head
logo
JFW Industries, Inc.
50S-1603-XX-TTL JFW-50S-1603-XX-TTL Datasheet
31Kb / 2P
1P2T FAILSAFE SELF TERMINATING ELECTROMECHANICAL
logo
Balluff Korea Ltd.
BCC0A08 BALLUFF-BCC0A08 Datasheet
107Kb / 2P
Terminating Resistors
0.58_2022-07-16
BCC0A09 BALLUFF-BCC0A09 Datasheet
101Kb / 2P
Terminating Resistors
0.56_2022-07-16
BCC0A0A BALLUFF-BCC0A0A Datasheet
102Kb / 2P
Terminating Resistors
0.56_2022-07-16
BCC0C6E BALLUFF-BCC0C6E Datasheet
100Kb / 2P
Terminating Resistors
0.55_2022-07-16
BCC06Y4 BALLUFF-BCC06Y4 Datasheet
101Kb / 2P
Terminating Resistors
2022-07-15
BCC09MR BALLUFF-BCC09MR Datasheet
112Kb / 2P
Terminating Resistors
2022-07-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com