Electronic Components Datasheet Search
  English  ▼

X  

DST520 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DST520
Description  SMD Type Tuning Fork Crystal Resonators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DST520 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DST520 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DST520
SMD Type Tuning Fork Crystal Resonators
Dimensions[mm]
Internal Connections
Recommended Land Pattern
[mm]
0.1
0.1
0.9
0.9
1.5
2.8
4.8±0.2
0.35
0.8±0.1
1.4
1.4
2.6
〈Top View〉
DST520
Consult our sales representative for other specifications.
Packing Unit : 3000pcs./reel(φ180)
32.768kHz(30∼153.6kHz)
Fundamental
Series,7pF,8pF,10pF,12pF,12.5pF
1.0μ±0.2μW
±20×10
-6, ±30×10-6
50kΩ Typ.(80kΩ max.)
+25℃±5℃
−0.04×10
-6/℃2 max.
−40℃∼+85℃
−40℃∼+85℃
1.15pF Typ.
Generic Specification
Features
SMD tuning fork crystal resonator with size 4819
and thickness 0.8mm. Miniature and thin.
High precision and reliability with ceramic package.
Suitable for various applications, particularly mobile
telecommunications equipment.
D 32.7 F3
Logo Frequency
Lot No.
Actual size
Type
Item
Frequency Range
Vibration Mode
Load Capacitance
Drive Level
Frequency Tolerance
Series Resistance
Parabolic Temperature
Two Dimensional Temperature Constant
Operating Temperature Range
Storage Temperature Range
Shunt Capacitance


Similar Part No. - DST520

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DST5200 LITTELFUSE-DST5200 Datasheet
976Kb / 3P
High frequency operation
More results

Similar Description - DST520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECX-205 ETC1-ECX-205 Datasheet
110Kb / 1P
SMD TUNING FORK CRYSTAL
DST410S ETC-DST410S Datasheet
67Kb / 1P
SMD Type Tuning Fork Crystal Resonators
logo
ECS, Inc.
ECS-2X6-FLX ECS-ECS-2X6-FLX Datasheet
335Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-205X ECS-ECX-205X Datasheet
416Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-306 ECS-ECX-306 Datasheet
125Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-306X ECS-ECX-306X Datasheet
318Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-31 ECS-ECX-31 Datasheet
475Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-39 ECS-ECX-39 Datasheet
182Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-71 ECS-ECX-71 Datasheet
170Kb / 2P
SMD TUNING FORK CRYSTAL
ECX-12L ECS-ECX-12L Datasheet
566Kb / 1P
SMD TUNING FORK CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com