Electronic Components Datasheet Search
  English  ▼

X  

STSMIA832 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STSMIA832
Description  1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSMIA832 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STSMIA832 Datasheet HTML 10Page - STMicroelectronics STSMIA832 Datasheet HTML 11Page - STMicroelectronics STSMIA832 Datasheet HTML 12Page - STMicroelectronics STSMIA832 Datasheet HTML 13Page - STMicroelectronics STSMIA832 Datasheet HTML 14Page - STMicroelectronics STSMIA832 Datasheet HTML 15Page - STMicroelectronics STSMIA832 Datasheet HTML 16Page - STMicroelectronics STSMIA832 Datasheet HTML 17Page - STMicroelectronics STSMIA832 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Characteristics
STSMIA832
14/23
5
Characteristics
Table 7.
Electrical characteristics
(Over recommended operating conditions unless otherwise noted. All typical values are at
TA = 25°C, and VDD = 2.8V, VL = 1.8V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCM
Common Mode Input Voltage
RT = 100Ω ± 1%
0.5
0.9
1.3
V
VTHL
Receiver Input Low Threshold (1)
1.
Guaranteed by design
RT = 100Ω ± 1%
-25
mV
VTHH
Receiver Input High Threshold (1)
RT = 100Ω ± 1%
+25
mV
II
Input Leakage Current
(D+, D-, STRB+, STRB-)
VI = 0.4V
±10
µA
VI = 1.4V
±10
µA
IS
Supply Current (IL + IDD)
EN=VDD,
D+, STRB+ = Gnd or VDD,
D-, STRB- = VDD or Gnd
3.5
9.0
mA
ISOFF
Shutdown Supply Current
(IL+ IDD)
EN=Gnd, VDD=2.65V to
3.6V VL=1.65V to 1.95V
10
µA
VIH
HIGH Level Input Voltage
(SYNC_SEL, CLASS_SEL, EN)
VDD = 2.65V to 3.6V
VL = 1.65V to 1.95V
0.7xVL
3.6V
V
VIL
LOW Level Input Voltage
(SYNC_SEL, CLASS_SEL, EN)
VDD = 2.65V to 3.6V
VL = 1.65V to 1.95V
00.3xVL
V
IIH
HIGH Level Input Current
(SYNC_SEL, CLASS_SEL, EN)
VIH = 0.7xVL
±10
µA
IIL
LOW Level Input Current
(SYNC_SEL, CLASS_SEL, EN)
VIL= 0.3xVL
±10
µA
VOH
HIGH Level Output Voltage
(D1-D8, H-SYNC, V-SYNC, CLK)
IOH = -4mA
1.25
V
VOL
LOW Level Output Voltage
(D1-D8, H-SYNC, V-SYNC, CLK)
IOL = +4mA
0.30
V
Table 8.
Capacitive characteristics
Symbol
Parameter
Test Conditions
Value
Unit
VDD (V)
TA = 25°C
Min.
Typ.
Max.
CIN
Input Capacitance (SYNC_SEL,
CLASS_SEL, EN)
2.65 to 3.6
VL = 1.65V to 1.95V,
VI = GND or VL
4pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com