Electronic Components Datasheet Search
  English  ▼

X  

EPF8124S Datasheet(PDF) 16 Page - PCA ELECTRONICS INC.

Part # EPF8124S
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8124S Datasheet(HTML) 16 Page - PCA ELECTRONICS INC.

Back Button EPF8124S Datasheet HTML 12Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 13Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 14Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 15Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 16Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 17Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 18Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 19Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 20Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
E L E C T R O N I C S I N C .
10Base-T PC Card Module with
Enhanced CMA and Resistor Network
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for SMC 91C94 Chip
• Recommended for National, AT&T PHY Chips
• Robust construction allows for IR/VP processes
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
Schematic
EPE6133AG
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6133AG
Rev. C
5/6/03
•
Isolation : meets or exceeds 802.3 IEEE Requirements • Characteristic Filter Impedance : 100
Ω •
• Referenced to the filter output @ 5 MHz for filter only, excluding resistor network
•
Common Mode
Rejection
(dB Min.)
Insertion
Loss
(dB Max.)
1-10 MHz
-1/-1
Xmit/Rcv
Return
Loss
(dB Min.)
5-10 MHz
-25/-25
Xmit/Rcv
@ 25 MHz
-15/-11
Xmit/Rcv
@ 100 MHz
Xmit/Rcv
-30/-30
@ 200 MHz
Xmit/Rcv
-20/-20
@ 30 MHz
-25/-15
Xmit/Rcv
Cut-Off
Frequency
(MHz)
± 1.0 MHz
17/17
Xmit/Rcv
@ 50 MHz
Xmit/Rcv
-30/-30
Crosstalk
(dB Min.)
-30/-30
1-10 MHz
Xmit/Rcv
Attenuation
(dB Min.)
@ 20 MHz
-7/-5
Xmit/Rcv
@ 40 MHz
-30/-25
Xmit/Rcv
Differential Filter
Isolation
Common Mode Filter
7
6
5
4
68.1
Ω
68.1
Ω
274
Ω
274
Ω
806
Ω
8
9
10
Chip Side
Cable Side
Transmit Channel
Receive Channel
49.9
Ω
13
3
1
14
49.9
Ω
2
Differential Filter
Isolation
Common Mode Filter
12
Chip Side
Cable Side
.670
(17.02)
.035
(.889)
0°-8°
.085
(2.16)
Pad
Layout
.700
(17.78)
.030
(.762)
.790
(20.07)
.520
(13.21)
PCA
EPE6133AG
Date Code
Pin 1
I.D.
.017/.022
(.432/.559)
.097/.103
(2.46/2.62)
.003/.010
(.076/.254)
.074/.084
(1.88/2.13)
.595/.605
(15.11/15.37)
.200
(5.08)
.095
(2.41)
.008/.013
(.203/.330)
.100
(2.54)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com