Electronic Components Datasheet Search
  English  ▼

X  

EPF8015G Datasheet(PDF) 49 Page - PCA ELECTRONICS INC.

Part # EPF8015G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8015G Datasheet(HTML) 49 Page - PCA ELECTRONICS INC.

Back Button EPF8015G Datasheet HTML 45Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 46Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 47Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 48Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 49Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 50Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 51Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 52Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 53Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Interface Module
for PC Card Applications
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Recommended for use with SSI78Q2120
• Low profile (PCMCIA ),16 pin SOIC
• Guaranteed to operate with 8 mA DC bias at 70°C
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
Schematic
EPF8069S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8069S
Rev. 3
5/8/03
.365
(9.27)
.035
(.889)
0°-8°
.085
(2.16)
Pad
Layout
.030
(.762)
.490
(12.45)
.270
(6.86)
PCA
EPF8069S
Date Code
.018/.022
(.457/.559)
.050
(1.27)
.033/.008
(.076/.203)
.050
(1.27)
.400
(10.16)
Pin 1
I.D.
.074/.084
(1.88/2.13)
.070
(1.78)
.008/.012
(.203/.304)
.350
(8.89)
16
15
1
9
10
8
1 : 1
CMC
6
•
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
-1
1-80
MHz
-1
80-100
MHz
-2
100-150
MHz
Common Mode Rejection
(dB Min.)
1-100
MHz
-30
100-200
MHz
-10
OCL
(@ 70°C)
100 KHz, 0.1 Vrms
8 mA DC Bias
350µH Cable Side
Return Loss
(dB Min.)
30-60
MHz
-12
60-100
MHz
-10
1-30
MHz
-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com