Electronic Components Datasheet Search
  English  ▼

X  

EPF8034S Datasheet(PDF) 68 Page - PCA ELECTRONICS INC.

Part # EPF8034S
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8034S Datasheet(HTML) 68 Page - PCA ELECTRONICS INC.

Back Button EPF8034S Datasheet HTML 64Page - PCA ELECTRONICS INC. EPF8034S Datasheet HTML 65Page - PCA ELECTRONICS INC. EPF8034S Datasheet HTML 66Page - PCA ELECTRONICS INC. EPF8034S Datasheet HTML 67Page - PCA ELECTRONICS INC. EPF8034S Datasheet HTML 68Page - PCA ELECTRONICS INC. EPF8034S Datasheet HTML 69Page - PCA ELECTRONICS INC. EPF8034S Datasheet HTML 70Page - PCA ELECTRONICS INC. EPF8034S Datasheet HTML 71Page - PCA ELECTRONICS INC. EPF8034S Datasheet HTML 72Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
E L E C T R O N I C S I N C .
Voice Over IP Application
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Robust construction allows IR/VP reflow processes
• 1500 Vrms Isolation
Schematic
EPF8195F1
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8195F1
Rev. 1
5/8/03
1,10
2,11
3,12
24,15
23,14
22,13
T1 & T4
Pri.
Sec.
1CT : 1CT
1CT:1CT
21,18
20,17
19,16
4,7
5,8
6,9
T2 & T3
Pri.
Sec.
.590
(14.98)
.035
(.889)
0°-8°
.085
(2.16)
Pad
Layout
.650
(16.51)
.030
(.762)
.530
(13.46)
.480
(12.19)
PCA
EPF8195F1
Date Code
Pin 1
I.D.
.018/.022
(.457/.559)
.040
(1.01)
.005/.015
(.127/.381)
.240
(6.09)
.440
(11.17)
.040
(1.01)
.045
(1.14)
.008/.012
(.203/.305)
Primary Leakage
Inductance
(µH Max.)
@ 100 KHz, 0.1 Vrms
0.25
OCL
(µH Min.)
8 mA DC bias
@ 100 KHz, 0.1 Vrms
350
Pins 24-22, 21-19,18-16, 15-13
40
Interwinding
Capacitance
(pF Max.)
@ 100 KHz, 0.1 Vrms
Pri. to Sec.
Primary
DCR
(
Ω Max.)
1
Pri.
T1 to T4
Pins 1-3, 4-6, 7-9,10-12
2.8
T2 & T3
Sec.
Pins 21-19, 18-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com