Electronic Components Datasheet Search
  English  ▼

X  

MCP131X Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP131X
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP131X Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP131X Datasheet HTML 19Page - Microchip Technology MCP131X Datasheet HTML 20Page - Microchip Technology MCP131X Datasheet HTML 21Page - Microchip Technology MCP131X Datasheet HTML 22Page - Microchip Technology MCP131X Datasheet HTML 23Page - Microchip Technology MCP131X Datasheet HTML 24Page - Microchip Technology MCP131X Datasheet HTML 25Page - Microchip Technology MCP131X Datasheet HTML 26Page - Microchip Technology MCP131X Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
© 2005 Microchip Technology Inc.
DS21985A-page 23
MCP131X/2X
4.0
OPERATIONAL DESCRIPTION
For many of today’s microcontroller applications, care
must be taken to prevent low-power conditions that can
cause many different system problems. The most
common causes are brown-out conditions, where the
system supply drops below the operating level momen-
tarily. The second most common cause is when a
slowly
decaying
power
supply
causes
the
microcontroller to begin executing instructions without
sufficient voltage to sustain volatile memory (RAM),
thus producing indeterminate results. Figure 4-1 shows
a typical application circuit.
The MCP131X/2X family is voltage supervisor devices
designed to keep a microcontroller in Reset until the
system voltage has reached and stabilized at the
proper level for reliable system operation. These
devices also operate as protection from brown-out
conditions when the system supply voltage drops
below a safe operating level.
Some MCP131X/2X family members include a Watch-
dog Timer feature that after being enabled (by a falling
edge on the WDI pin), monitors the WDI pin for falling
edges. If an edge transition is not detected within the
expected timeframe, the MCP131X/2X devices will
force the Reset pin active. This is useful to ensure that
the embedded system’s Host Controller program is
operating as expected.
Some MCP131X/2X family members include a Manual
Reset feature that allows a push button switch to be
directly connected to the MCP131X/2X devices (on the
MR pin). This allows the system to easily be reset from
the external control of the push button switch.
A superset block diagram is shown in Figure 4-2, with
device specific block diagrams shown in Figure 4-3
through Figure 4-12.
FIGURE 4-1:
Typical Application Circuit.
FIGURE 4-2:
Family Block Diagram
VDD
VDD
MCLR
(Reset input)
(active-low)
VSS
PICmicro®
Microcontroller
RPU(1)
Note 1: Resistor RPU may be required with the
MCP1320, MCP1321 or MCP1322 due
to the open-drain output.
Resistor RPU may not be required with
the MCP1316M, MCP1318M or
MCP1319M due to the internal pull-up
resistor.
The MCP1316, MCP1317, MCP1318
and MCP1319 do not require the
external pull-up resistor.
2: Not all devices offer the active-high
Reset output pin.
0.1
μF
MCP13XX
VDD
RST
VSS
RST (2)
WDI
I/O
To system
device that
requires active-
high resets
Push button
switch
MR
VDD
Comparator
+
–
Output
Driver
RST
Reference
VSS
RST
Noise Filter
Watchdog
MR
WDI
Note: Features available depend on the device.
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com