Electronic Components Datasheet Search
  English  ▼

X  

WM8987L Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8987L
Description  Stereo CODEC for Portable Audio Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8987L Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8987L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8987L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8987L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8987L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8987L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8987L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8987L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8987L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8987L Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
WM8987L
Pre-Production
w
PP Rev 3.0 January 2007
8
TYPICAL PERFORMANCE
POWER CONSUMPTION
The power consumption of the WM8987L depends on the following factors.
•
Supply voltages: Reducing the supply voltages also reduces supply currents, and therefore results in significant power
savings, especially in the digital sections of the WM8987L.
•
Operating mode: Significant power savings can be achieved by always disabling parts of the WM8987L that are not
used (e.g. mic pre-amps, unused outputs, DAC, ADC, etc.)
Control Register
R23Other settings
Tot. Power
Code
Bit
V
I (mA)
V
I (mA)
V
I (mA)
V
I (mA)
mW
POF-01
OFF
00 00000 0100000000000 11
Clocks stopped
3.3 0.000 3.3 0.010
3.3 0.000 3.3 0.000
0.033
POF-02
01
2.7 0.000 2.0 0.007
2.5 0.000 2.7
0.000
0.014
POF-03
00
1.8 0.000 1.5 0.007
1.8 0.000 1.8
0.000
0.011
PST-01
Standby
10 10000 0100000000000 11
Interface Stopped
3.3
0.482 3.3
0.011
3.3 0.000 3.3 0.000
1.627
PST-02
(500 KOhm VMID string)
01
2.7 0.310 2.0 0.008
2.5 0.000 2.7
0.000
0.853
PST-03
00
1.8 0.184 1.5 0.007
1.8 0.000 1.8
0.000
0.342
PPB-01
BTL Headset Stereo Playback
01 10000 0011111111111 11
3.32.5733.3 4.601
3.3 0.248 3.3 4.291
38.653
PPB-02
0.1mW/channel into 32 Ohm load
01
2.7 2.052 2.0 2.371
2.5 0.175 2.7
4.314
22.368
PPB-03
00
1.8 1.297 1.5 1.750
1.8 0.119 1.8
3.879
12.156
PPS-01
Single-ended Headset Stereo Playback
01 10000 0011011000011 11
3.3
2.23 2 3.3
4.662
3.3 0.248 3.3 2.005
30.185
PPS-02
0.1mW/channel into 32 Ohm load
01
2.7 1.778 2.0 2.411
2.5 0.175 2.7
2.021
15.517
PPS-03
00
1.8 1.126 1.5 1.758
1.8 0.119 1.8
1.856
8.219
PPC-01
Single-ended Headset Stereo Playback
01 10000 0011011010011 11
3.3
2.229 3.3
4.662 3.3
0.248 3.3
4.007
36.782
PPC-02
(capless mode using OUT3)
01
2.7 1.776 2.0
2.408 2.5 0.175 2.7
4.007
20.868
PPC-03
0.1mW/channel into 32 Ohm load
00
1.8 1.126 1.5
1.757 1.8 0.119 1.8
3.674
11.490
PRD-01
Differential mono mic record
01 11010 1000000000011 11
LINSEL=11
3.3
3.551 3.3
4.883
3.3 0.298 3.3 0.000
28.816
PRD-02
(LINPUT1-RINPUT1)
01
LMICBOOST=10
2.7 3.077 2.0 2.255
2.5 0.213
2.7
0.000
13.350
PRD-03
00
DATSEL=01
1.8 2.388 1.5 1.584
1.8 0.148 1.8
0.000
6.941
PRS-01
Single-ended mono mic record
01 11010 1000000000011 11
LMICBOOST=10
3.3
3.196 3.3
4.888
3.3 0.295 3.3 0.000
27.651
PRS-02
(from LINPUT1)
01
DATSEL=01
2.7 2.799 2.0 2.270
2.5 0.212 2.7
0.000
12.627
PRS-03
00
1.8 2.221 1.5 1.588
1.8 0.146 1.8
0.000
6.643
PRL-01
Single-ended stereo line record
01 11111 0000000000011 11
3.3
4.53 2 3.3
4.917
3.3 0.287 3.3 0.000
32.129
PRL-02
(from L/RINPUT1)
01
2.7 4.037 2.0 2.281
2.5 0.206 2.7
0.000
15.977
PRL-03
00
1.8 3.313 1.5 1.605
1.8 0.142 1.8
0.000
8.627
PDL-01
Simultaneous record and playback
01 11111 0011011000011 11
3.3
6.295 3.3
7.836
3.3 0.286 3.3 0.679
49.817
PDL-02
(stereo, line-in / line-out)
01
2.7 5.454 2.0 3.837
2.5 0.206 2.7
0.711
24.835
PDL-03
00
1.8 4.212 1.5 2.760
1.8 0.142 1.8
0.364
12.632
R25 (19h)
DCVDD
DBVDD
HPVDD
R26 (1Ah)
AVDD
R24 (18h)
Table 1 Typical Supply Current Consumption
Notes:
1.
All figures are at TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 12.288 MHz (256fs), with zero signal (quiescent)
2.
The power dissipated in the headphone or speaker is not included in the above table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com