Electronic Components Datasheet Search
  English  ▼

X  

SAH Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # SAH
Description  Tantalum Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SAH Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  SAH Datasheet HTML 1Page - Sharma Electro Components,Inc SAH Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTRODUCTION
SAH Series molded tantalum chip capacitors are specially developed for High Heat Resistance and High
Reliability. Ideal for automotive electronics applications.
FEATURES:
• HIGH HEAT RESISTANCE MAKES IT SUITABLE FOR ALL TYPES OF SOLDERING
• HIGH RESISTANCE TO HEAT - 125°C WITH DERATED VOLTAGE FOR 2000 HRS. 150°C STEADY STATE
FOR 1000 HRS.
• HIGH RESISTANCE TO MOISTURE. 85°C & 85% RH FOR 500 HRS. 65°C 95% RH WITH RATED
VOLTAGE FOR 500 HRS.
• HIGHEST RELIABILITY DUE TO EXCEPTIONALLY LOW FAILURE RATE OF 0.5% PER 1000 HRS.
• COMPONENTS MEET EIAJ RC-3813 & JIS C 5102. REEL PACKING STDS - EIAJ RC-1009B /EIA 481/IEC 286-3.
• EPOXY MOLDED COMPONENTS WITH CONSISTENT DIMENSIONS AND SURFACE FINISH.
ENGINEERED FOR AUTOMATIC ONSERTION.
• COMPATIBLE WITH ALL POPULAR HIGH SPEED ASSEMBLY MACHINES.
CASE DIMENSIONS IN MILLIMETERS (INCHES)
CASE
EIA/IEC
L
W
H
l
a
B
3528
3.5 ±0.2
2.8 ±0.2
1.9 ±0.2
0.8 ±0.3
2.2 ±0.1
(0.138 ±0.008)
(0.110 ±0.008)
(0.075 ±0.008)
(0.031 ±0.012)
(0.087 ±0.004)
C
6032
6.0 ±0.3
3.2 ±0.3
2.5 ±0.3
1.3 ±0.3
2.2 ±0.1
(0.236 ±0.012)
(0.126 ±0.012)
(0.098 ±0.012)
(0.051 ±0.012)
(0.087±0.004)
D2
6045
5.8 ±0.3
4.5 ±0.3
3.1 ±0.3
1.3 ±0.3
3.1 ±0.1
(0.228 ±0.012)
(0.177 ±0.012)
(0.122 ±0.012)
(0.051 ±0.012)
(0.122 ±0.004)
D
7343
7.3 ±0.3
4.3 ±0.3
2.8 ±0.3
1.3 ±0.3
2.4 ±0.1
(0.287 ±0.012)
(0.170 ±0.012)
(0.110 ±0.012)
(0.051 ±0.012)
(0.095 ±0.004)
SAH SERIES
GENERAL SPECIFICATIONS
CAPACITANCE RANGE: 1.0 µF to 68 µF. VOLTAGE RANGE: 4VDC to 50VDC. CAPACITANCE TOLERANCE: ±20%(M), ±10%(K),
(±5%(J) - UPON REQUEST). TEMPERATURE RANGE -55 TO +125°C WITH DERATING ABOVE 85°C. ENVIRONMENTAL
CLASSIFICATION: 55/125/56(IEC68-2). DISSIPATION FACTOR: 0.1µF TO 1µF 4 % MAX,1.5µF TO 68 µF 6% MAX.
LEAKAGE CURRENT: NOT MORE THAN 0.005CV µA or 0.25 µA WHICHEVER IS GREATER. FAILURE RATE: 0.5%PER 1000 HRS.
LIFE TEST DETAILS
CAPACITORS SHALL WITHSTAND RATED DC VOLTAGE APPLIED AT 85°C for 2000 Hrs. or DERATED DC VOLTAGE APPLIED at 125°C
for 1000 Hrs. AFTER THE TEST:
1. CAPACITANCE CHANGE SHALL NOT EXCEED ±10%OF INITIAL VALUE.
2. DISSIPATION FACTOR SHALL BE WITHIN THE NORMAL SPECIFIED LIMITS.
3. DC LEAKAGE CURRENT SHALL BE WITHIN 125% OF NORMAL LIMIT.
4. NO REMARKABLE CHANGE IN APPEARANCE. MARKINGS TO REMAIN LEGIBLE.
SAH SERIES RATINGS AND CASE CODES
CAPACITANCE
RATED VOLTAGE DC at 85 °C
CODE
µF
4V
6.3V
10V
16V
20V
25V
35V
50V
104
0.1
A
A
154
0.15
A
B
224
0.22
A
B
334
0.33
A
B
474
0.47
A
B
C
684
0.68
A
B
C
105
1.0
A
B
C
155
1.5
A
B
C
D2, D
225
2.2
A
B
C
D2, D
335
3.3
A
B
C
475
4.7
B
C
D2, D
685
6.8
B
C
D2, D
106
10
B
C
D2, D
156
15
C
D2, D
226
22
C
D2, D
336
33
C
D2, D
476
47
D2, D
686
68
D2, D
HIGH
RELIABILITY
SERIES
Sharma Tantalum Capacitors
RoHS Compliant
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


Similar Part No. - SAH

ManufacturerPart #DatasheetDescription
logo
Eravant
SAH-1442241060-059-S1 ERAVANT-SAH-1442241060-059-S1 Datasheet
319Kb / 5P
G-Band Choke Flange Feed Horn Antenna, 140 to 220 GHz, 10 dBi Gain
logo
Laird Tech Smart Techno...
SAH-2400-120-002 LSTD-SAH-2400-120-002 Datasheet
436Kb / 1P
Integral N-female connector
SAH-2400-120-12 LSTD-SAH-2400-120-12 Datasheet
688Kb / 1P
Integral N-female connector
logo
Eravant
SAH-2434231060-328-S1 ERAVANT-SAH-2434231060-328-S1 Datasheet
340Kb / 5P
Ka Band Choke Flange Feed Horn Antenna, 24 to 42 GHz, 10 dBi
SAH-3335031060-250-S1 ERAVANT-SAH-3335031060-250-S1 Datasheet
379Kb / 5P
Q-Band Choke Flange Feed Horn Antenna, 33 to 50 GHz, 10 dBi Gain
Rev 1.0
More results

Similar Description - SAH

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SAF SHARMA-SAF Datasheet
446Kb / 2P
Tantalum Capacitors
SAL SHARMA-SAL Datasheet
449Kb / 2P
Tantalum Capacitors
TDA335K06CB SHARMA-TDA335K06CB Datasheet
446Kb / 2P
Tantalum Capacitors
SAJ SHARMA-SAJ Datasheet
459Kb / 3P
Tantalum Capacitors
logo
Vishay Siliconix
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
Tantalum Surface Mount Capacitors ??Standard Tantalum
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com